Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAJ7620F2 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAJ7620F2
Description  Integrated Gesture Recognition Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAJ7620F2 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAJ7620F2 Datasheet HTML 17Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 18Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 19Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 20Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 21Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 22Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 23Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 24Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
PixArt Imaging Inc.
PAJ7620F2 General Datasheet
Integrated Gesture Recognition Sensor
Version 1.0 | 29 Mar 2016 | 41001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Bank
Address
Register Name
Default Value
R/W
1
0x72
R_TG_EnH
0x00
R/W
1
0x73
R_AUTO_SLEEP_Mode1
0x00
R/W
1
0x73
R_AUTO_SLEEP_Mode2
0x00
R/W
1
0x73
R_AUTO_WakeUP_Mode
0x00
R/W
1
0x74
R_WakeUpSig_Sel[1:0]
0x00
R/W
5.13 Clock Controls
Bank
Address
Register Name
Default Value
R/W
0
0x3F
R_oscrcpd
0x00
R/W
0
0x5C
R_SenClkPrd[5:0]
0x02
R/W
0
0x5D
R_SENCLK_Control
0x00
R/W
0
0x5E
R_Other_CLK_manual
0x00
R/W
0
0x5F
R_CLK_manual
0x7F
R/W
0
0x60
TS_osc_code[6:0]
-
R
0
0x61
R_osc_code[6:0]
0x34
R/W
0
0x63
R_Ref_CLK_Cnt_UB[15:8]
0x03
R/W
0
0x64
R_Ref_CLK_Cnt_UB[7:0]
0xF7
R/W
0
0x65
R_Ref_CLK_Cnt_LB[15:8]
0x03
R/W
0
0x66
R_Ref_CLK_Cnt_LB[7:0]
0xD9
R/W
0
0x67
R_OSC_Wait[7:0]
0x03
R/W
0
0x68
T_osc_range[1:0]
0x01
R/W
5.14 Chip/Version ID
Bank
Address
Register Name
Default Value
R/W
0
0x00
PartID[7:0]
0x20
R
0
0x01
PartID[15:8]
0x76
R
0
0x02
VersionID[7:0]
0x01
R
5.15 Suspend/Reset
Bank
Address
Register Name
Default Value
R/W
0
0x03
SW_Suspend_EnL
0x01
W
0
0xEE
R_RegBank Reset
0x01
W
0
0xEE
R_TGRegBank_SWRstn
0x01
R/W
0
0xEE
R_DMSRegBank_SWRstn
0x01
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com