Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1336QN Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PCT1336QN
Description  Cap-Touch Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1336QN Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PCT1336QN Datasheet HTML 9Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 10Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 11Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 12Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 13Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 14Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 15Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 16Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PCT1336QN General Datasheet
Cap-Touch Controller
Version 1.0 | 11 Apr 2016 | 81000AEN
Addr
Name
Bit
R/W
0x16
OBJ_3_X[7:0]
[7:0]
R
0x17
OBJ_3_X[15:8]
[7:0]
R
0x18
OBJ_3_Y[7:0]
[7:0]
R
0x19
OBJ_3_Y[15:8]
[7:0]
R
0x1A
OBJ_4_valid
[7:0]
R
0x1B
OBJ_4_ID
[2:0]
R
0x1C
OBJ_4_X[7:0]
[7:0]
R
0x1D
OBJ_4_X[15:8]
[7:0]
R
0x1E
OBJ_4_Y[7:0]
[7:0]
R
0x1F
OBJ_4_Y[15:8]
[7:0]
R
0x20
OBJ_0_SIZE[7:0]
[7:0]
R
0x21
OBJ_0_SIZE[15:8]
[7:0]
R
0x22
OBJ_0_SOI[7:0]
[7:0]
R
0x23
OBJ_0_SOI[15:8]
[7:0]
R
0x24
OBJ_0_WIDTH[7:0]
[7:0]
R
0x26
OBJ_0_HEIGHT[7:0]
[7:0]
R
0x2A
OBJ_0_MAX_FORCE[7:0]
[7:0]
R
0x2B
OBJ_0_MAX_FORCE[15:8]
[7:0]
R
0x2C
OBJ_1_SIZE[7:0]
[7:0]
R
0x2D
OBJ_1_SIZE[15:8]
[7:0]
R
0x2E
OBJ_1_SOI[7:0]
[7:0]
R
0x2F
OBJ_1_SOI[15:8]
[7:0]
R
0x30
OBJ_1_WIDTH[7:0]
[7:0]
R
0x32
OBJ_1_HEIGHT[7:0]
[7:0]
R
0x36
OBJ_1_MAX_FORCE[7:0]
[7:0]
R
0x37
OBJ_1_MAX_FORCE[15:8]
[7:0]
R
0x38
OBJ_2_SIZE[7:0]
[7:0]
R
0x39
OBJ_2_SIZE[15:8]
[7:0]
R
0x3A
OBJ_2_SOI[7:0]
[7:0]
R
0x3B
OBJ_2_SOI[15:8]
[7:0]
R
0x3C
OBJ_2_WIDTH[7:0]
[7:0]
R
0x3E
OBJ_2_HEIGHT[7:0]
[7:0]
R
0x42
OBJ_2_MAX_FORCE[7:0]
[7:0]
R
0x43
OBJ_2_MAX_FORCE[15:8]
[7:0]
R
0x44
OBJ_3_SIZE[7:0]
[7:0]
R
0x45
OBJ_3_SIZE[15:8]
[7:0]
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com