Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1336QN Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PCT1336QN
Description  Cap-Touch Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1336QN Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PCT1336QN Datasheet HTML 15Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 16Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 17Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 18Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 19Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 20Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 21Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 22Page - Pixart Imaging Inc. PCT1336QN Datasheet HTML 23Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PCT1336QN General Datasheet
Cap-Touch Controller
Version 1.0 | 11 Apr 2016 | 81000AEN
Addr
Name
Bit
R/W
Initial Value
0x1a
V_INERTIA_TM
[7:0]
R/W
0x0F
0x1b
H_INERTIA_TM
[7:0]
R/W
0x0F
0x1c
MIN_V_INERTIA_SPEED[7:0]
[7:0]
R/W
0x2C
0x1d
MIN_V_INERTIA_SPEED[15:8]
[7:0]
R/W
0x01
0x1e
MIN_H_INERTIA_SPEED[7:0]
[7:0]
R/W
0x2C
0x1f
MIN_H_INERTIA_SPEED[15:8]
[7:0]
R/W
0x01
0x20
MAX_GAIN_V_SCROLL_SPEED[7:0]
[7:0]
R/W
0xDC
0x21
MAX_GAIN_V_SCROLL_SPEED[15:8] [7:0]
R/W
0x05
0x22
MIN_GAIN_V_SCROLL_SPEED[7:0]
[7:0]
R/W
0x2C
0x23
MIN_GAIN_V_SCROLL_SPEED[15:8]
[7:0]
R/W
0x01
0x24
MAX_GAIN_V_SCROLL_BASE_2
[7:0]
R/W
0x05
0x25
V_SCROLL_SPEED
[7:0]
R/W
0x14
0x26
V_SCROLL_WHEEL_RES
[7:0]
R/W
0x00
0x28
MAX_GAIN_H_SCROLL_SPEED[7:0]
[7:0]
R/W
0xDC
0x29
MAX_GAIN_H_SCROLL_SPEED[15:8] [7:0]
R/W
0x05
0x2a
MIN_GAIN_H_SCROLL_SPEED[7:0]
[7:0]
R/W
0x2C
0x2b
MIN_GAIN_H_SCROLL_SPEED[15:8] [7:0]
R/W
0x01
0x2c
MAX_GAIN_H_SCROLL_BASE_2
[7:0]
R/W
0x05
0x2d
H_SCROLL_SPEED
[7:0]
R/W
0x14
0x2e
H_SCROLL_WHEEL_RES
[7:0]
R/W
0x00
0x30
MAX_GAIN_ZOOM_SPEED[7:0]
[7:0]
R/W
0xDC
0x31
MAX_GAIN_ZOOM_SPEED[15:8]
[7:0]
R/W
0x05
0x32
MIN_GAIN_ZOOM_SPEED[7:0]
[7:0]
R/W
0x2C
0x33
MIN_GAIN_ZOOM_SPEED[15:8]
[7:0]
R/W
0x01
0x34
MAX_GAIN_ZOOM_BASE_2
[7:0]
R/W
0x02
0x35
ZOOM_SPEED
[7:0]
R/W
0x28
0x36
ZOOM_WHEEL_RES
[7:0]
R/W
0x00
0x3d
DRAG_WAIT_TM
[7:0]
R/W
0x0F
0x3e
TAP_AND_DRAG_DIST
[7:0]
R/W
0x32
0x3f
CURSOR_RLS_MAX_TM
[7:0]
R/W
0x32
0x40
BTN_RIGHT_X1[7:0]
[7:0]
R/W
0x00
0x41
BTN_RIGHT_X1[15:8]
[7:0]
R/W
0x00
0x42
BTN_RIGHT_Y1[7:0]
[7:0]
R/W
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com