Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1339 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PCT1339 Datasheet HTML 1Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 2Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 3Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 4Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 5Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 6Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 7Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 8Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Pin Configuration
1
2
3
4
5
6
7
8
17
18
19
20
13
14
15
16
37
38
39
40
29
30
31
32
43
54
53
52
51
50
49
44
9
10
11
12
22
23
24
21
33
34
35
36
47
46
45
48
26
27
28
25
41
42
56
55
Figure 3. QFN56 7x7 Pin Placement
Table 1. Pin Definition
Pin
Name
Description
1
VDDD
Digital power, connect 1uF to ground
2
VDDIO
Power for interface to Host, connect 0.1uF to ground
3
IO_SEL/RXD
Mux pin:
UART_RX: For PXI debug only
IO_SEL: External pull high or low to decide SPI or I2C interface (H: SPI; L: I2C)
4
TXD
UART_TX, for PXI debug only
5
IO_CLK
SPI or I2C clock
6
MISO_SDA
SPI MISO or I2C_SDA pin
7
NCS_A1
SPI CS pin or I2C slave address ID
8
MOSI_A0
SPI MOSI pin or I2C slave ID pin
9
INT
Interrupt to Host to indicate data ready
10
NRST
Host to reset PCT1339, active low.
11
VDDCP
Charge-pump input, connect 1uF to ground.
12
CIN
Charge-pump pin, connect 0.22uF between CIN and CIP.
13
CIP
Charge-pump pin, connect 0.22uF between CIN and CIP.
14
VDDAIO
Drive line power, connect 1uF to ground
15
DRV0
Drive line pin
16
DRV1
Drive line pin
17
DRV2
Drive line pin
18
DRV3
Drive line pin
19
DRV4
Drive line pin
20
DRV5
Drive line pin
21
DRV6
Drive line pin
22
DRV7
Drive line pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com