Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1339 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PCT1339
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PCT1339 Datasheet HTML 1Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 2Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 3Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 4Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 5Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 6Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 7Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 8Page - Pixart Imaging Inc. PCT1339 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Introduction
Overview
PCT1339 touch controller consists of an analog front-end with dedicate 20 drive lines and 15 sense lines together with 4
flexible lines to connect to touch panel. The 4 flexible lines can be set to drive or sense function that means the cell
resolution can be 20x19~24x15 according to user’s preferred ID geometry. All drive and sense lines can be reordered to
provide panel routing flexibility, and each drive/sense line can be independently switched on/off to match the touch
screen active areas.
The controller applies a series of excitation signals to the drive electrodes. The signals are coupled to the sense lines via
mutual capacitance. Touching anywhere on the panel with a finger alters the capacitance at that specific location.
PCT1339 multi-touch controller can simultaneously resolve and track up to five touches. The high report rate allows the
host to track rapid touches and movements with less than 15ms latency. The embedded processor filters the data,
identifies the touch coordinates and gesture and then report to the host at > 120 Hz rate. However, PCT1339 FW does
noise avoidance automatically to get good SNR, so the report rate may be reduced automatically when the environment is
noisy.
Block Diagram
Configuration
Registers
Firmware
Embed Flash
Nevigation
Accelator
Sense
Drive
Regulator
I/O
HOST
Reset
Interrupt
I2C/SPI
VDDIO
V_IN
MCU
50MHz
OSC
Figure 1. PCT1339 Functional Block Diagram
Up to 6inch panel
16:9~4:3 support
PCT1339
Touch Controller
Host Controller
20~24 drive lines
15~19 sense lines
I2C
Figure 2. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com