Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1339QN Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PCT1339QN
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339QN Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PCT1339QN Datasheet HTML 9Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 10Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 11Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 12Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 13Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 14Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 15Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 16Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Power Consumption
With internal Regulator turn on; charge pump turn off
Mode
State
Report Rate (Hz)
Current Consumption (mA)
20x19 (39Ch)
10x10 (20Ch)
Active(*1)
1-touch
100/80
6.5/5.5
4.5/4.0
No touch
100/80
3/2.5
2.4/2.15
Rest1 Mode (*1)
Idle
40
1.5
1.1
Rest1
10
0.45
0.34
Rest2
2
0.16
0.14
Shutdown
0
13µA
13µA
Note*1: 20uA can be saved if internal regulator is disable (provide 1.8V externally)
Interface Level Specification
Parameter
Symbol
Min
Typ
Max
Unit
Input high voltage
VIH
VDDIO*0.7
V
Input low voltage
VIL
VDDIO*0.3
V
Output high Voltage
VOH
VDDIO*0.8
V
Output low voltage
VOL
VDDIO*0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com