Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT1339QN Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PCT1339QN
Description  Multi-Touch Capacitive Touch Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PCT1339QN Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PCT1339QN Datasheet HTML 17Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 18Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 19Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 20Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 21Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 22Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 23Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 24Page - Pixart Imaging Inc. PCT1339QN Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
PixArt Imaging Inc.
PCT1339 Product Datasheet
Multi-Touch Capacitive Touch Controller
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |11 Apr 2016
Add (Hex)
Name
BW
R/W
Default Value(*1)
Take effect only after Flash?
0x82
PALM_TOTAL_CELLS_LO
[7:0]
R/W
0x7c
No
0x83
PALM_RELEASE_CELLS_HI
[7:0]
R/W
0x01
No
0x84
PALM_RELEASE_CELLS_LO
[7:0]
R/W
0x7c
No
0x85
PALM_PROLONG
[7:0]
R/W
0x0f
No
0x86
PWRON_TOUCH_CELLS
[7:0]
R/W
0x02
No
0x87
PWRON_TOUCH_DETECT_TIME
[7:0]
R/W
0x3c
No
0x88
FRAME_LEVEL_NEG_STG[15:8]
[7:0]
R/W
0xf9
No
0x89
FRAME_LEVEL_NEG_STG[7:0]
[7:0]
R/W
0x75
No
0x8a
FRAME_LEVEL_NEG_MED[15:8]
[7:0]
R/W
0xfe
No
0x8b
FRAME_LEVEL_NEG_MED[7:0]
[7:0]
R/W
0xd4
No
0x8c
FRAME_LEVEL_ZERO[15:8]
[7:0]
R/W
0x00
No
0x8d
FRAME_LEVEL_ZERO[7:0]
[7:0]
R/W
0x00
No
0x8e
FRAME_LEVEL_POS_MED[15:8]
[7:0]
R/W
0x01
No
0x8f
FRAME_LEVEL_POS_MED[7:0]
[7:0]
R/W
0x90
No
0x90
FRAME_LEVEL_POS_STG[15:8]
[7:0]
R/W
0x06
No
0x91
FRAME_LEVEL_POS_STG[7:0]
[7:0]
R/W
0x8b
No
0x98
HIGHLAND_LEVEL[15:8]
[7:0]
R/W
0x03
No
0x99
HIGHLAND_LEVEL[7:0]
[7:0]
R/W
0xe8
No
0x9a
HIGHLAND_NUM[15:8]
[7:0]
R/W
0x00
No
0x9b
HIGHLAND_NUM[7:0]
[7:0]
R/W
0x70
No
0xa0
NEG_RESET_CELL[15:8]
[7:0]
R/W
0x00
No
0xa1
NEG_RESET_CELL[7:0]
[7:0]
R/W
0x02
No
0xa2
NEG_RESET_LEVEL[15:8]
[7:0]
R/W
0xfa
No
0xa3
NEG_RESET_LEVEL[7:0]
[7:0]
R/W
0xec
No
0xa4
NEG_RESET_WAIT
[7:0]
R/W
0x1e
No
0xaa
LG_FORCE_FULL_SCAN_NUM
[7:0]
R/W
0x14
No
0xb4
OAHB[24]
[7:0]
R/W
0x00
No
0xb5
OAHB[23:16]
[7:0]
R/W
0x01
No
0xb6
OAHB[15:8]
[7:0]
R/W
0x38
No
0xb7
OAHB[7:0]
[7:0]
R/W
0x80
No
0xc8
SLOW_CAL_THD[15:8]
[7:0]
R/W
0x03
No
0xc9
SLOW_CAL_THD[7:0]
[7:0]
R/W
0xe8
No
0xce
ACCEP_SNR[15:8]
[7:0]
R/W
0x00
No
0xcf
ACCEP_SNR[7:0]
[7:0]
R/W
0x32
No
0xd4
DEAD_ZONE_DEJIG_TH[15:8]
[7:0]
R/W
0x00
No
0xd5
DEAD_ZONE_DEJIG_TH[7:0]
[7:0]
R/W
0xc8
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com