Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S83IP Datasheet(PDF) 14 Page - Analog Devices

Part # AD2S83IP
Description  Variable Resolution, Resolver-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S83IP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD2S83IP Datasheet HTML 10Page - Analog Devices AD2S83IP Datasheet HTML 11Page - Analog Devices AD2S83IP Datasheet HTML 12Page - Analog Devices AD2S83IP Datasheet HTML 13Page - Analog Devices AD2S83IP Datasheet HTML 14Page - Analog Devices AD2S83IP Datasheet HTML 15Page - Analog Devices AD2S83IP Datasheet HTML 16Page - Analog Devices AD2S83IP Datasheet HTML 17Page - Analog Devices AD2S83IP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD2S83
–13–
REV. E
During the VCO reset period the input continues to be inte-
grated. The reset period is constant at 40 ns.
The VCO rate is fixed for a given input current by the VCO
scaling factor:
= 8.5 kHz/
µA
The tracking rate in rps per
µA of VCO input current can be
found by dividing the VCO scaling factor by the number of LSB
changes per rev (i.e., 4096 for 12-bit resolution).
The input resistor R6 determines the scaling between the con-
verter velocity signal voltage at the INTEGRATOR OUTPUT
pin and the VCO input current. Thus to achieve a 5 V output at
100 rps (6000 rpm) and 12-bit resolution the VCO input cur-
rent must be:
(100
× 4096)/(8500) = 48.2 µA
Thus, R6 would be set to: 5/(48.2
× 10–6) = 103.7 kΩ
The velocity offset voltage depends on the VCO input resistor,
R6, and the VCO bias current and is given by
Velocity Offset Voltage = R6
× (VCO bias current)
The temperature coefficient of this offset is given by
Velocity Offset Tempco = R6
× (VCO bias current tempco)
where the VCO bias current tempco is typically +0.22 nA/
°C.
The maximum recommended rate for the VCO is 1.1 MHz
which sets the maximum possible tracking rate.
Since the minimum voltage swing available at the integrator
output is
±8 V, this implies that the minimum value for R6 is
62 k
Ω. As
Max Current
A
Min Value R
k
=
×
×
=
=
×
=Ω
11 10
85 10
129
6
8
129 10
62
6
3
6
.
.
–
µ
Transfer Function
By selecting components using the method outlined in the sec-
tion “Component Selection,” the converter will have a critically
damped time response and maximum phase margin. The
Closed-Loop Transfer Function is given by:
θ
OUT
θ
IN
=
14 (1
+ s
N )
( s
N + 2.4 ) ( sN
2 + 3.4 s
N + 5.8 )
where, sN, the normalized frequency variable is given by:
s
N =
2
π
s
f BW
and fBW is the closed-loop 3 dB bandwidth (selected by the
choice of external components).
The acceleration constant KA, is given approximately by
K
A = 6 × ( f BW )
2
sec
–2
The normalized gain and phase diagrams are given in Figures 5
and 6.
FREQUENCY – fBW
12
–12
9
0
–3
–6
–9
6
3
0.0
2
0.04
0.1
0.2
0.4
1
Figure 5. Gain Plot
FREQUENCY – fBW
180
–180
135
0
–45
–90
–135
90
45
0.0
2
0.04
0.1
0.2
0.4
1
Figure 6. Phase Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com