Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S83IP Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S83IP
Description  Variable Resolution, Resolver-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S83IP Datasheet(HTML) 1 Page - Analog Devices

  AD2S83IP Datasheet HTML 1Page - Analog Devices AD2S83IP Datasheet HTML 2Page - Analog Devices AD2S83IP Datasheet HTML 3Page - Analog Devices AD2S83IP Datasheet HTML 4Page - Analog Devices AD2S83IP Datasheet HTML 5Page - Analog Devices AD2S83IP Datasheet HTML 6Page - Analog Devices AD2S83IP Datasheet HTML 7Page - Analog Devices AD2S83IP Datasheet HTML 8Page - Analog Devices AD2S83IP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Variable Resolution,
Resolver-to-Digital Converter
AD2S83
GENERAL DESCRIPTION
The AD2S83 is a monolithic 10-, 12-, 14-, or 16-bit tracking
resolver-to-digital converter.
The converter allows users to select their own resolution and dynamic
performance with external components. The converter allows users to
select the resolution to be 10, 12, 14, or 16 bits and to track
resolver signals rotating at up to 1040 revs per second (62,400 rpm)
when set to 10-bit resolution.
The AD2S83 converts resolver format input signals into a paral-
lel natural binary digital word using a ratiometric tracking con-
version method. This ensures high noise immunity and tolerance
of long leads allowing the converter to be located remote from
the resolver.
The position output from the converter is presented via 3-state
output pins which can be configured for operations with 8- or
16-bit bus. BYTE SELECT,
ENABLE and INHIBIT pins
ensure easy data transfer to 8- and 16-bit data bus, and outputs
are provided to allow for cycle or pitch counting in external
counters.
A precise analog signal proportional to velocity is also available
and will replace a tachogenerator.
The AD2S83 operates over reference frequencies in the range
0 Hz to 20,000 Hz.
PRODUCT HIGHLIGHTS
High Accuracy Velocity Output. A precision analog velocity
signal with a typical linearity of
±0.1% and reversion error less
than
±0.3% is generated by the AD2S83. The provision of this
signal removes the need for mechanical tachogenerators used in
servo systems to provide loop stabilization and speed control.
Resolution Set by User. Two control pins are used to select
the resolution of the AD2S83 to be 10, 12, 14 or 16 bits allow-
ing optimum resolution for each application.
Ratiometric Tracking Conversion. This technique provides
continuous output position data without conversion delay. It
also provides noise immunity and tolerance of harmonic distor-
tion on the reference and input signals.
Dynamic Performance Set by the User. By selecting external
resistor and capacitor values the user can determine band-
width, maximum tracking rate and velocity scaling of the
converter to match the system requirements. The component
values are easy to select using the free component selection
software design aid.
MODELS AVAILABLE
Information on the models available is given in the Ordering
Guide.
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Tracking R/D Converter
High Accuracy Velocity Output
High Max Tracking Rate 1040 RPS (10 Bits)
44-Lead PLCC Package
10-, 12-, 14-, or 16-Bit Resolution Set by User
Ratiometric Conversion
Stabilized Velocity Reference
Dynamic Performance Set by User
Industrial Temperature Range
APPLICATIONS
DC and AC Servo Motor Control
Process Control
Numerical Control of Machine Tools
Robotics
Axis Control
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
A3
RIPPLE
CLOCK
R4
VCO
I/P
TRACKING
RATE
SELECTION
R6
VELOCITY
SIGNAL
INTEGRATOR
I/P
BANDWIDTH
SELECTION
R3
C3
REFERENCE
I/P
HF FILTER
R2
C2
C1
R1
DEMOD
O/P
INTEGRATOR
O/P
DIRECTION
BUSY
DIG
GND
16
DATA BITS
SC1 SC2
DATA
LOAD
BYTE
SELECT
5V
+12V
–12V
GND
COS
SIG
GND
SIN
AC ERROR O/P
VCO
O/P
C7
AD2S83
R7
3K3
C6
390pF
R8
–12V
+12V
OFFSET ADJUST
R9
R5
C4
C5
R – 2R DAC
PHASE
SENSITIVE
DETECTOR
VCO + DATA
TRANSFER
LOGIC
16-BIT UP/DOWN COUNTER
SEGMENT
SWITCHING
OUTPUT DATA LATCH
A2
A1
ENABLE
INHIBIT


Similar Part No. - AD2S83IP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S83IP AD-AD2S83IP Datasheet
176Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV.D
AD2S83IP AD-AD2S83IP Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
More results

Similar Description - AD2S83IP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV.D
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83APZ AD-AD2S83APZ Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_15 Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
Variable Resolution, Monolithic Resolver-to-Digital Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com