Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 14 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 10Page - Analog Devices AD9856AST Datasheet HTML 11Page - Analog Devices AD9856AST Datasheet HTML 12Page - Analog Devices AD9856AST Datasheet HTML 13Page - Analog Devices AD9856AST Datasheet HTML 14Page - Analog Devices AD9856AST Datasheet HTML 15Page - Analog Devices AD9856AST Datasheet HTML 16Page - Analog Devices AD9856AST Datasheet HTML 17Page - Analog Devices AD9856AST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
AD9856
Rev. C | Page 13 of 36
SERIAL CONTROL BUS REGISTER
Table 5. Serial Control Bus Register Layout
Register
AD9856 Register Layout
Address
(hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
(hex)
Profile
00
SDO
Active
LSB
First
REFCLK
Mult.<4>
REFCLK
Mult.<3>
REFCLK
Mult.<2>
REFCLK
Mult.<1>
REFCLK
Mult.<0>
Reserved
15
N/A
01
CIC
Gain
Continuous
Mode
Full Sleep
Mode
Single-tone
Mode
Bypass
Inverse Sinc
Filter
Bypass
REFCLK
Mult.
Input
Format
Select
<1>
Input
Format
Select
<0>
06
N/A
02
Frequency Tuning Word <7:0>
04
1
03
Frequency Tuning Word <15:8>
00
1
04
Frequency Tuning Word <23:16>
00
1
05
Frequency Tuning Word <31:24>
00
1
06
Interpolator
Rate <5>
Interpolator
Rate <4>
Interpolator
Rate <3>
Interpolator
Rate <2>
Interpolator
Rate <1>
Interpolator
Rate <0>
Spectral
Inversion
Bypass
the Third
Half-Band
Filter
FC
1
07
AD8320/AD8321 Gain Control Bits <7:0>
00
1
08
Frequency Tuning Word <7:0>
00
2
09
Frequency Tuning Word <15:8>
00
2
0A
Frequency Tuning Word <23:16>
00
2
0B
Frequency Tuning Word <31:24>
80
2
0C
Interpolator
Rate <5>
Interpolator
Rate <4>
Interpolator
Rate <3>
Interpolator
Rate <2>
Interpolator
Rate <1>
Interpolator
Rate <0>
Spectral
Inversion
Bypass
the Third
Half-Band
Filter
1E
2
0D
AD8320/AD8321 Gain Control Bits <7:0>
00
2
0E
Frequency Tuning Word <7:0>
Unset
3
0F
Frequency Tuning Word <15:8>
Unset
3
10
Frequency Tuning Word <23:16>
Unset
3
11
Frequency Tuning Word <31:24>
Unset
3
12
Interpolator
Rate <5>
Interpolator
Rate <4>
Interpolator
Rate <3>
Interpolator
Rate <2>
Interpolator
Rate <1>
Interpolator
Rate <0>
Spectral
Inversion
Bypass
the Third
Half-Band
Filter
Unset
3
13
AD8320/AD8321 Gain Control Bits <7:0>
00
3
14
Frequency Tuning Word <7:0>
Unset
4
15
Frequency Tuning Word <15:8>
Unset
4
16
Frequency Tuning Word <23:16>
Unset
4
17
Frequency Tuning Word <31:24>
Unset
4
18
Interpolator
Rate <5>
Interpolator
Rate <4>
Interpolator
Rate <3>
Interpolator
Rate <2>
Interpolator
Rate <1>
Interpolator
Rate <0>
Spectral
Inversion
Bypass
the Third
Half-Band
Filter
Unset
4
19
AD8320/AD8321 Gain Control Bits <7:0>
00
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com