Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856AST Datasheet(PDF) 30 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 26Page - Analog Devices AD9856AST Datasheet HTML 27Page - Analog Devices AD9856AST Datasheet HTML 28Page - Analog Devices AD9856AST Datasheet HTML 29Page - Analog Devices AD9856AST Datasheet HTML 30Page - Analog Devices AD9856AST Datasheet HTML 31Page - Analog Devices AD9856AST Datasheet HTML 32Page - Analog Devices AD9856AST Datasheet HTML 33Page - Analog Devices AD9856AST Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
AD9856
Rev. C | Page 29 of 36
SYMBOL
DEFINITION
MIN
tPRE
SETUP TIME
30ns
tSCLK
PERIOD OF SERIAL DATA CLOCK
100ns
tDSU
SERIAL DATA SETUP TIME
30ns
tSCLKPWH
SERIAL DATA CLOCK PULSEWIDTH HIGH
40ns
tSCLKPWL
SERIAL DATA CLOCK PULSEWIDTH LOW
40ns
tDHLD
SERIAL DATA HOLD TIME
0ns
CS
SCLK
SDIO
1ST BIT
2ND BIT
tDSU
tDHLD
tSCLKPWH
tSCLKPWL
tSCLK
tPRE
CS
Figure 48. Timing Diagram for Data Write to AD9856
SYMBOL
DEFINITION
MAX
tDV
DATA VALID TIME
30ns
CS
SCLK
SDIO
1ST BIT
2ND BIT
tDV
SDO
Figure 49. Timing Diagram for Read from AD9856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com