Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069500 Datasheet(PDF) 2 Page - SICK AG

Part # 1069500
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069500 Datasheet(HTML) 2 Page - SICK AG

  1069500 Datasheet HTML 1Page - SICK AG 1069500 Datasheet HTML 2Page - SICK AG 1069500 Datasheet HTML 3Page - SICK AG 1069500 Datasheet HTML 4Page - SICK AG 1069500 Datasheet HTML 5Page - SICK AG 1069500 Datasheet HTML 6Page - SICK AG 1069500 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRTE18S-N1362 | GR18S
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
GRTE18S-N1362
1069500
Other models and accessories
www.sick.com/GR18S
Detailed technical data
Features
Sensor/ detection principle
Photoelectric proximity sensor, energetic
Housing design (light emission)
Cylindrical, straight
Thread diameter (housing)
M18 x 1
Optical axis
Axial
Sensing range max.
5 mm ... 1,000 mm 1)
Sensing range
10 mm ... 800 mm 1)
Type of light
Visible red light
Light source
LED 2)
Light spot size (distance)
Ø 45 mm (800 mm)
Wave length
650 nm
Adjustment
Potentiometer, 270°
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) At Uv > 24 V or ambient temperature > 49 °C, IA max. = 50 mA.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) Do not bend below 0 °C.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) D = outputs overcurrent and short-circuit protected.
10) At Uv <=24V and IA<50mA.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 16:01:50
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com