Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069500 Datasheet(PDF) 6 Page - SICK AG

Part # 1069500
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069500 Datasheet(HTML) 6 Page - SICK AG

  1069500 Datasheet HTML 1Page - SICK AG 1069500 Datasheet HTML 2Page - SICK AG 1069500 Datasheet HTML 3Page - SICK AG 1069500 Datasheet HTML 4Page - SICK AG 1069500 Datasheet HTML 5Page - SICK AG 1069500 Datasheet HTML 6Page - SICK AG 1069500 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRTE18S-N1362 | GR18S
PHOTOELECTRIC SENSORS
Sensing range diagram
GRTE18, 800 mm
0
1
2
3
600
(23.62)
1,000
(39.37)
800
(31.5)
200
(7.87)
400
(15.75)
300
200
15/
20
360
500
800
1,000
5/
10
10/
15
Distance in mm (inch)
Sensing range
Sensing range max. typ.
①  Sensing range on black, 6% remission
②  Sensing range on gray, 20 % remission
③  Sensing range on white, 90% remission
Dimensional drawing (Dimensions in mm (inch))
GR18S, metal, cable, straight, adjustable
1 x M18
2
5
4
1
6
3
①  Connection cable 2 m
②  Threaded mounting hole M18 x 1
③  LED indicator yellow
④  LED indicator green
⑤  Sensitivity control: potentiometer 270°
⑥  Fastening nuts (2x); width across 24, metal
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 16:01:50
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com