Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMSC6701 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMSC6701 Datasheet HTML 9Page - Texas Instruments TMSC6701 Datasheet HTML 10Page - Texas Instruments TMSC6701 Datasheet HTML 11Page - Texas Instruments TMSC6701 Datasheet HTML 12Page - Texas Instruments TMSC6701 Datasheet HTML 13Page - Texas Instruments TMSC6701 Datasheet HTML 14Page - Texas Instruments TMSC6701 Datasheet HTML 15Page - Texas Instruments TMSC6701 Datasheet HTML 16Page - Texas Instruments TMSC6701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
EMIF – SYNCHRONOUS BURST SRAM CONTROL
SSADS
AC20
O/Z
SBSRAM address strobe
SSOE
AF21
O/Z
SBSRAM output enable
SSWE
AD19
O/Z
SBSRAM write enable
SSCLK
AD17
O
SBSRAM clock
EMIF – SYNCHRONOUS DRAM CONTROL
SDA10
AD21
O/Z
SDRAM address 10 (separate for deactivate command)
SDRAS
AF24
O/Z
SDRAM row-address strobe
SDCAS
AD22
O/Z
SDRAM column-address strobe
SDWE
AF23
O/Z
SDRAM write enable
SDCLK
AE20
O
SDRAM clock
EMIF – BUS ARBITRATION
HOLD
AA25
I
Hold request from the host
HOLDA
A7
O
Hold-request-acknowledge to the host
TIMERS
TOUT1
H24
O
Timer 1 or general-purpose output
TINP1
K24
I
Timer 1 or general-purpose input
TOUT0
M4
O
Timer 0 or general-purpose output
TINP0
K4
I
Timer 0 or general-purpose input
DMA ACTION COMPLETE
DMAC3
D2
DMAC2
F4
O
DMA action complete
DMAC1
D1
O
DMA action complete
DMAC0
E2
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1
E25
I
External clock source (as opposed to internal)
CLKR1
H23
I/O/Z
Receive clock
CLKX1
F26
I/O/Z
Transmit clock
DR1
D26
I
Receive data
DX1
G23
O/Z
Transmit data
FSR1
E26
I/O/Z
Receive frame sync
FSX1
F25
I/O/Z
Transmit frame sync
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com