Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMSC6701 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMSC6701 Datasheet HTML 17Page - Texas Instruments TMSC6701 Datasheet HTML 18Page - Texas Instruments TMSC6701 Datasheet HTML 19Page - Texas Instruments TMSC6701 Datasheet HTML 20Page - Texas Instruments TMSC6701 Datasheet HTML 21Page - Texas Instruments TMSC6701 Datasheet HTML 22Page - Texas Instruments TMSC6701 Datasheet HTML 23Page - Texas Instruments TMSC6701 Datasheet HTML 24Page - Texas Instruments TMSC6701 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device and development-support tool nomenclature
To designate the stages in the product-development cycle, TI assigns prefixes to the part numbers of all
TMS320
™ DSP devices and support tools. Each TMS320™ DSP family member has one of three prefixes: TMX,
TMP, or TMS. Texas Instruments recommends two of three possible prefix designators for support tools: TMDX
and TMDS. These prefixes represent evolutionary stages of product development from engineering prototypes
(TMX/TMDX) through fully qualified production devices/tools (TMS/TMDS).
Device development evolutionary flow:
TMX
Experimental device that is not necessarily representative of the final device’s electrical
specifications
TMP
Final silicon die that conforms to the device’s electrical specifications but has not completed
quality and reliability verification
TMS
Fully qualified production device
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal qualification
testing.
TMDS
Fully qualified development-support product
TMX and TMP devices and TMDX development-support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development-support tools have been characterized fully, and the quality and reliability
of the device have been demonstrated fully. TI’s standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, GJC), the temperature range (for example, blank is the default commercial temperature range),
and the device speed range in megahertz (for example, -167 is 167 MHz). Table 2 identifies the available
TMS320C6701 devices by their associated orderable part numbers (P/Ns) and gives device-specific ordering
information (for example, device speeds, core and I/O supply voltage values, and device operating temperature
ranges). Figure 4 provides a legend for reading the complete device name for any TMS320
™ DSP family
member.
Table 2. TMS320C6701 Device P/Ns and Ordering Information
DEVICE ORDERABLE P/N
DEVICE SPEED
CVDD
(CORE VOLTAGE)
DVDD
(I/O VOLTAGE)
OPERATING CASE
TEMPERATURE
RANGE
TMSC6701GJC16719V
167 MHz/1 GFLOPS
1.9 V
3.3 V
0
_C to 90_C
TMS320C6701GJC150
150 MHz/900 MFLOPS
1.8 V
3.3 V
0
_C to 90_C
TMS320C6701GJCA120
120 MHz/720 MFLOPS
1.8 V
3.3 V
–40
_C to 105_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com