Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL5032 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CL5032
Description  LVDS SURFACE MOUNT CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CL5032 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CL5032 Datasheet HTML 1Page - Raltron Electronics Corporation CL5032 Datasheet HTML 2Page - Raltron Electronics Corporation CL5032 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVDS SURFACE MOUNT
CLOCK OSCILLATOR
TCXO
Page 1 of 3
SERIES CL5032
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 1-305-593-6033  Fax: 1-305-594-3973  e-mail: sales@raltron.com  web site: www.raltron.com
ELECTRICAL SPECIFICATION
PARAMETER
VALUE
Frequency Range
19.000 ~ 200.000 MHz
Operating Temperature Range
-10°C ~ +70°C Standard
-40°C ~
+85˚C Extended
Frequency Stability
±25 ppm, ±50 ppm, ±100ppm
Storage Temperature Range
-55°C to +125°C
Supply Voltage (Vcc)
2.5 V, 3.3 V
Supply Current
100 mA max
Output
LVDS
Symmetry at 50% VCC
40% to 60%
45% to 55%
Rise / Fall Time
1 ns max at 20% ~ 80% Output swing level
Logic “0” Level
0.9 V min
Logic “1” Level
1.6 V max
Load
100
Ω (OUT – OUTN Differential)
Enable / Disable Function
Pin 1: High or Open / Output enabled (Pins 4 & 5)
Pin 1: Low / Output disabled (High impedance)
RMS Phase Jitter (12kHz ~ 20 MHz)
1 ps max
Peak to Peak Period Jitter
30 ps typ


Similar Part No. - CL5032

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
CL50 BANNER-CL50 Datasheet
950Kb / 6P
CL50 Column Light
CL50 BANNER-CL50 Datasheet
673Kb / 6P
CL50 Universal AC Voltage Column Light
logo
Wabash Transformer Inc.
CL50AW00-0CT WABASH-CL50AW00-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL50AW01-000 WABASH-CL50AW01-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL50AW01-0CT WABASH-CL50AW01-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
More results

Similar Description - CL5032

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X504 CONNOR-WINFIELD-X504 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X533 CONNOR-WINFIELD-X533 Datasheet
181Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Crystek Corporation
CCLD-023 CRYSTEKCRYSTAL-CCLD-023_15 Datasheet
85Kb / 3P
LVDS Clock Oscillator
CCLD-024 CRYSTEKCRYSTAL-CCLD-024_15 Datasheet
84Kb / 3P
LVDS Clock Oscillator
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com