Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL5032 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CL5032
Description  LVDS SURFACE MOUNT CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CL5032 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CL5032 Datasheet HTML 1Page - Raltron Electronics Corporation CL5032 Datasheet HTML 2Page - Raltron Electronics Corporation CL5032 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LVDS SURFACE MOUNT
CLOCK OSCILLATOR
TCXO
Page 2 of 3
SERIES CL5032
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 1-305-593-6033  Fax: 1-305-594-3973  e-mail: sales@raltron.com  web site: www.raltron.com
MECHANICAL SPECIFICATION
PART NUMBERING SYSTEM
TYPE
SERIES
-
FREQUENCY
(MHz)
-
SUPPLY
VOLTAGE
(Vcc)
-
STABILITY
(ppm)
-
TEMPERATURE
RANGE (
˚C)
-
SYMMETRY
(Duty Cycle)
-
TAPE
&
REEL
Clock
Oscillator
CL
5032
-
19.000 ~
200.000 MHz
-
2.5: Vcc=2.5
3.3: Vcc=3.3
-
25: ±25 ppm
50: ±50 ppm
100: ±100 ppm
-
blank: -10°C to +70°C
X: -40°C to +85°C
-
blank: 40 to 60%
T: 45 to 55%
-
TR
EXAMPLE: CL5032-155.520-2.5-25-X-T-TR
Surface Mount CL5032 LVDS Oscillator, 5.0 x 3.2 mm, 155.520 MHz, 2.5 VDC Supply Voltage, ±25 ppm Overall
Stability, from -40°C to +85°C, Symmetry 45% to 55%, Tape and Reel packaging.
OUTLINE TOLERANCE
IF NOT SPECIFIED:
±0.015” / 0.4mm
PIN FUNCTIONS:
[1] ENABLE / DISABLE
[2] NC
[3] GND
[4] OUTPUT
[5]COMPLEMENTARY
OUTPUT
[6] VCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com