Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSE65B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSE65B
Description  Automotive Lighting Interior and Exterior
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSE65B Datasheet(HTML) 1 Page - OSRAM GmbH

  LSE65B Datasheet HTML 1Page - OSRAM GmbH LSE65B Datasheet HTML 2Page - OSRAM GmbH LSE65B Datasheet HTML 3Page - OSRAM GmbH LSE65B Datasheet HTML 4Page - OSRAM GmbH LSE65B Datasheet HTML 5Page - OSRAM GmbH LSE65B Datasheet HTML 6Page - OSRAM GmbH LSE65B Datasheet HTML 7Page - OSRAM GmbH LSE65B Datasheet HTML 8Page - OSRAM GmbH LSE65B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2016-02-08
1
2016-02-08
Power TOPLED Lens
Datasheet
Version 1.2
LS E65B
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % IV: 60°
•
Abstrahlwinkel bei 50 % IV: 60°
•
Color: super red (633 nm)
•
Farbe: super rot (633 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Traffic lights
•
Ampelanlagen
•
Backlighting
•
Hinterleuchtung
•
Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und außen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LSE65B

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSE65060-S10-PF LIGITEK-LSE65060-S10-PF Datasheet
125Kb / 6P
RECTANGLE TYPE LED LAMPS
LSE65060-S3-PF LIGITEK-LSE65060-S3-PF Datasheet
125Kb / 6P
RECTANGLE TYPE LED LAMPS
LSE65060-S5-PF LIGITEK-LSE65060-S5-PF Datasheet
126Kb / 6P
RECTANGLE TYPE LED LAMPS
LSE65060/S10-PF LIGITEK-LSE65060/S10-PF Datasheet
125Kb / 6P
RECTANGLE TYPE LED LAMPS
LSE65060/S3-PF LIGITEK-LSE65060/S3-PF Datasheet
125Kb / 6P
RECTANGLE TYPE LED LAMPS
More results

Similar Description - LSE65B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com