Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSE65B Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LSE65B
Description  Automotive Lighting Interior and Exterior
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSE65B Datasheet(HTML) 5 Page - OSRAM GmbH

  LSE65B Datasheet HTML 1Page - OSRAM GmbH LSE65B Datasheet HTML 2Page - OSRAM GmbH LSE65B Datasheet HTML 3Page - OSRAM GmbH LSE65B Datasheet HTML 4Page - OSRAM GmbH LSE65B Datasheet HTML 5Page - OSRAM GmbH LSE65B Datasheet HTML 6Page - OSRAM GmbH LSE65B Datasheet HTML 7Page - OSRAM GmbH LSE65B Datasheet HTML 8Page - OSRAM GmbH LSE65B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.2
LS E65B
2016-02-08
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 19
Durchlassspannungsgruppen 4) Seite 19
Dominant Wavelength Groups 3) page 19
Dominant Wellenlängengruppen
3) Seite 19
Group
Luminous Intensity 1) page 19
Luminous Intensity 1) page 19
Luminous Flux 7) page 19
Gruppe
Lichtstärke 1) Seite 19
Lichtstärke 1) Seite 19
Lichtstrom 7) Seite 19
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
V1
710
900
1000
V2
900
1120
1200
AA
1120
1400
1500
AB
1400
1800
1900
BA
1800
2240
2400
BB
2240
2800
3000
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3
1.90
2.20
4
2.20
2.50
Group
super red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
627
639
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com