Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2346 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2346
Description  OPTICAL NETWORK HOT SWAP POWER MANAGER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2346 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2346 Datasheet HTML 1Page - Texas Instruments TPS2346 Datasheet HTML 2Page - Texas Instruments TPS2346 Datasheet HTML 3Page - Texas Instruments TPS2346 Datasheet HTML 4Page - Texas Instruments TPS2346 Datasheet HTML 5Page - Texas Instruments TPS2346 Datasheet HTML 6Page - Texas Instruments TPS2346 Datasheet HTML 7Page - Texas Instruments TPS2346 Datasheet HTML 8Page - Texas Instruments TPS2346 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS2346
SLUS529 – MAY 2002
OPTICAL NETWORK
HOT SWAP POWER MANAGER
1
www.ti.com
FEATURES
D Enables Hot Swap in High Availability Optical
Network Systems
D Programmable Current Slew Rate
D Power Supply Sequencing
D Sense Resistors Set Peak Current (IMAX)
D Overcurrent Circuit Breaker at 2× IMAX
D Precharge Output
D Logic Low Power Good Output
D Logic Low Enable Input
D On-Chip Charge Pump
D Low Sleep Mode Current
D Undervoltage Lockout (UVLO)
D Minimal External Parts Count
D 24-pin TSSOP Package
DESCRIPTION
The TPS2346 Optical Network Hot Swap Power
Manager (HSPM) provides highly-integrated supply
control of three positive (3.3-V, 5-V, and 5.15-V) and one
negative (–5.2-V) supply rails with a minimum number
of external components. A linear current amplifier (LCA)
in each of the four device channels provides
closed-loop control of load current during insertion and
extraction events. This allows the designer to configure
the plug-in card’s maximum inrush slew rate and
magnitude according to the requirements of the system
supplies.
APPLICATIONS
D Hot Swap of ONET Modules
D Supply Power-Up/Power-Down Sequencing
5.15V
5V
GND
3.3 V
–5.2 V
5.15 V
5 V
3.3 V
–5.2 V
BRIDGE DEVICE
AD[00]
AD[XX:01]
CS1
VIN1
ENABLE
PG
RGND
VIN4
CS4
GATE1
VS1
VIN2
PRECHG
CS2
GATE2
VS2
CPUMP
CPGND
VS3
GATE3
VIN3
IRAMP
CS3
VS4
GATE4
TPS2346
AGND
AD[00]
AD[XX:01]
ADDRESS/DATA BUS
PLUG–IN MODULE
Q1
Q2
Q3
Q4
EXAMPLE SIGNAL LINE
D2 6.8 V
D1
6.8 V
RP
ENABLE
PG
C2
0.39
µF
C1
0.1
µF
R2
2 m
Ω
C3
0.1
µF
R3
2 m
Ω
R4
0.2
Ω
R5
10 k
Ω
R1
3 m
Ω
R8
10
Ω
UDG–02080
TYPICAL APPLICATION
R6
10 k
Ω
R7
1.2 k
Ω
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS2346

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2346 TI1-TPS2346 Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
TPS2346PW TI1-TPS2346PW Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
TPS2346PWG4 TI1-TPS2346PWG4 Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
TPS2346PWR TI1-TPS2346PWR Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
TPS2346PWRG4 TI1-TPS2346PWRG4 Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
More results

Similar Description - TPS2346

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
TPS2346 TI1-TPS2346_08 Datasheet
495Kb / 30P
OPTICAL NETWORK HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com