Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2346 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2346
Description  OPTICAL NETWORK HOT SWAP POWER MANAGER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2346 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2346 Datasheet HTML 17Page - Texas Instruments TPS2346 Datasheet HTML 18Page - Texas Instruments TPS2346 Datasheet HTML 19Page - Texas Instruments TPS2346 Datasheet HTML 20Page - Texas Instruments TPS2346 Datasheet HTML 21Page - Texas Instruments TPS2346 Datasheet HTML 22Page - Texas Instruments TPS2346 Datasheet HTML 23Page - Texas Instruments TPS2346 Datasheet HTML 24Page - Texas Instruments TPS2346 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPS2346
SLUS529 – MAY 2002
21
www.ti.com
APPLICATION INFORMATION
UDG–02005
t1: Slow turn-on period
t2: Linear current ramp (di/dt)
t3: Constant-current load charging
tCHG: IRAMP capacitor charge time, (1.4 × CIRAMP/58)
t1
t2
t3
0 V
VIN
0 A
IIMAX
0 V
0 V
1.5 V
TIME
IRAMP
VOLTAGE
GATE
VOLTAGE
LOAD
CURRENT
BACK–END
VOLTAGE
tCHG
32 x tCHG
Figure 20. Load Current at Startup
Once the slow ramp period has expired, the clamp is removed, and the IRAMP voltage continues to ramp up
at a constant rate of:
I
O
C
IRAMP
+
58
mA
C
IRAMP
Since the linear amplifier acts to maintain equal voltages at its inputs (see Figure 2), it slews the GATEx output
such that the CSx voltage tracks the internally generated reference at its inverting input. Therefore, the linear
voltage ramp at the IRAMP pin results in a linear current ramp to the three positive loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com