Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT67B-R2T2-1+S2U2-26 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSYT67B-R2T2-1+S2U2-26
Description  optical indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSYT67B-R2T2-1+S2U2-26 Datasheet(HTML) 1 Page - OSRAM GmbH

  LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 1Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 2Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 3Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 4Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 5Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 6Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 7Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 8Page - OSRAM GmbH LSYT67B-R2T2-1+S2U2-26 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LSY T67B
Multi TOPLED
®
Enhanced Optical Power LED
Lead (Pb) Free Product - RoHS Compliant
2012-11-14
1
Besondere Merkmale
• Gehäusetyp: weißes P-LCC-4 Gehäuse,
farbloser klarer Verguss
• Besonderheit des Bauteils: mehr Licht durch
erhöhten optischen Wirkungsgrad
• Wellenlänge: 633 nm (super-rot),
587 nm (gelb)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Technologie: InGaAlP
• optischer Wirkungsgrad:
14 lm/W (super-rot), 20 lm/W (gelb)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• optischer Indikator
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
Features
• package: white P-LCC-4 package, colorless
clear resin
• feature of the device: more light due to higher
optical efficiency
• wavelength: 633 nm (super-red),
587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 14 lm/W (super-red),
20 lm/W (yellow)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or
8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• optical indicators
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)


Similar Part No. - LSYT67B-R2T2-1+S2U2-26

ManufacturerPart #DatasheetDescription
logo
ams AG
LSYT67B-R2T2-1+S2U2-26 AMSCO-LSYT67B-R2T2-1+S2U2-26 Datasheet
428Kb / 15P
Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
More results

Similar Description - LSYT67B-R2T2-1+S2U2-26

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
PRESSURE INDICATORS
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
OSRAM GmbH
LSGT77K-JL-1-HK-1 OSRAM-LSGT77K-JL-1-HK-1 Datasheet
365Kb / 16P
optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
optical indicators
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com