Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFAZ-API Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX-SFAZ-API
Description  Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFAZ-API Datasheet(HTML) 1 Page - ON Semiconductor

  AX-SFAZ-API Datasheet HTML 1Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 2Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 3Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 4Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 5Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 6Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 7Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 8Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2017
April, 2017 − Rev. 1
1
Publication Order Number:
AX−SFAZ/D
AX-SFAZ, AX-SFAZ-API
Ultra-Low Power,
AT Command / API Controlled,
Sigfox) Compliant
Transceiver IC for Up-Link
and Down-Link
OVERVIEW
Circuit Description
AX−SFAZ and AX−SFAZ−API are ultra−low power
single chip solutions for a node on the Sigfox network with
both up− and down−link functionality. The AX−SFAZ chip
is delivered fully ready for operation and contains all the
necessary firmware to transmit and receive data from the
Sigfox network in Australia/New Zealand (SIGFOX RCZ4
region). It connects to the customer product using a logic
level RS232 UART. AT commands are used to send frames
and configure radio parameters.
The AX−SFAZ−API variant is intended for customers
wishing to write their own application software based on the
AX−SF−LIB−1−GEVK library.
Features
Functionality and Ecosystem
• Sigfox up−link and down−link functionality controlled
by AT commands or API
• The AX−SFAZ and AX−SF−API ICs are part of a
whole development and product ecosystem available
from ON Semiconductor for any Sigfox requirement.
Other parts of the ecosystem include
♦ Ready to go development kit
DVK−SFAZ−[API]−1−GEVK including a 2 year
Sigfox subscription
♦ Sigfox Ready® certified reference design for the
AX−SFAZ and AX−SFAZ−API ICs
General Features
• QFN40 5 mm x 7 mm package
• Supply range 2.7 V* − 3.6 V
• −40°C to 85°C
• Temperature sensor
• Supply voltage measurements
*Includes the RF frontend module, circuit as in Figure 5.
The AX−SFAZ chip alone is operational from 1.8 V to 3.6 V,
a supply voltage below 2.0 V is considered an extreme condition.
• 8 GPIO pins
♦ 2 GPIO pins with selectable voltage measure
functionality, differential (1 V or 10 V range) or
single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC
output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ RX/TX switching Control
Power Consumption
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at
24 dBm output power: 0.28 C
♦ Deepsleep mode current: 100 nA
♦ Sleep mode current: 1.3
mA
♦ Standby mode current: 0.5 mA
♦ Continuous radio RX−mode at 922.3 MHz :
34 mA
♦ Continuous radio TX−mode at 920.8 MHz
230 mA @ 24 dBm
High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 922.3 MHz
♦ Data−rate 600 bps FSK
♦ Sensitivity
−128 dBm @ 600 bps, 922.3 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 920.8 MHz
♦ Data−rate 600 bps PSK
♦ High efficiency, high linearity integrated power
amplifier
♦ Maximum output power 24 dBm
Applications
Sigfox networks up−link and down−link.
www.onsemi.com


Similar Part No. - AX-SFAZ-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
More results

Similar Description - AX-SFAZ-API

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T_03 Datasheet
234Kb / 11P
Low-Power-Radio Transceiver IC
logo
List of Unclassifed Man...
SI2434-C-FS ETC2-SI2434-C-FS Datasheet
859Kb / 2P
AT command set
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
ATMEL Corporation
ATA8520D ATMEL-ATA8520D Datasheet
917Kb / 27P
Single-Chip SIGFOX RF Transceiver
logo
ON Semiconductor
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com