Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFAZ-API Datasheet(PDF) 17 Page - ON Semiconductor

Part # AX-SFAZ-API
Description  Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFAZ-API Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AX-SFAZ-API Datasheet HTML 12Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 13Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 14Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 15Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 16Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 17Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 18Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 19Page - ON Semiconductor AX-SFAZ-API Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AX−SFAZ, AX−SFAZ−API
www.onsemi.com
17
QFN40 PACKAGE INFORMATION
QFN40 7x5, 0.5P
CASE 485EG
ISSUE A
SEATING
NOTE 4
0.15
C
(A3)
A
A1
D2
b
1
21
40
2X
2X
E2
40X
9
L
40X
BOTTOM VIEW
DETAIL A
TOP VIEW
SIDE VIEW
D
A B
E
0.15
C
PIN ONE
REFERENCE
0.10
C
0.08
C
C
29
e
A
0.10
B
C
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSIONS: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30mm FROM TERMINAL
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
7.00 BSC
D2
5.30
5.50
E
5.00 BSC
3.50
E2
3.30
e
0.50 BSC
L
0.30
0.50
L1
−−−
0.15
PLANE
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
e/2
NOTE 3
DIMENSIONS: MILLIMETERS
0.50
5.60
0.32
3.60
40X
0.60
40X
5.30
7.30
1
PITCH
PACKAGE
OUTLINE
RECOMMENDED
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com