Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6502 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6502 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6502 Datasheet HTML 1Page - ON Semiconductor FMS6502 Datasheet HTML 2Page - ON Semiconductor FMS6502 Datasheet HTML 3Page - ON Semiconductor FMS6502 Datasheet HTML 4Page - ON Semiconductor FMS6502 Datasheet HTML 5Page - ON Semiconductor FMS6502 Datasheet HTML 6Page - ON Semiconductor FMS6502 Datasheet HTML 7Page - ON Semiconductor FMS6502 Datasheet HTML 8Page - ON Semiconductor FMS6502 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
January 2007
FMS6502
8-Input, 6-Output Video Switch Matrix with Output Drivers,
Input Clamp, and Bias Circuitry
Features
■ 8 x 6 Crosspoint Switch Matrix
■ Supports SD, PS, and HD 1080i / 1080p Video
■ Input Clamp and Bias Circuitry
■ Doubly Terminated 75Ω Cable Drivers
■ Programmable 0dB or 6dB Gain
■ AC- or DC-Coupled Inputs
■ AC- or DC-Coupled Outputs
■ One-to-One or One-to-Many Input-to-Output
Switching
■ I2CTM-Compatible Digital Interface, Standard Mode
■ 3.3V or 5V Single Supply Operation
■ Pb-Free TSSOP-24 Package
Applications
■ Cable and Satellite Set-Top Boxes
■ TV and HDTV Sets
■ A / V Switchers
■ Personal Video Recorders (PVR)
■ Security and Surveillance
■ Video Distribution
■ Automotive (In-Cabin Entertainment)
Description
The FMS6502 provides eight inputs that can be routed to
any of six outputs. Each input can be routed to one or
more outputs, but only one input may be routed to any
output.
Each input supports an integrated clamp option to set the
output sync tip level of video with sync to ~300mV. Alter-
natively, the input may be internally biased to center out-
put signals without sync (Chroma, Pb, Pr) at ~1.25V.
All outputs are designed to drive a 150
Ω DC-coupled
load. Each output can be programmed to provide either
0dB or 6dB of signal gain.
Input-to-output routing and input bias mode functions are
controlled via an I2C-compatible digital interface.
Block Diagram
Figure 1. Block Diagram
Ordering Information
C / B
IN1
OUT1
OUT2
OUT6
C / B
IN2
C / B
IN8
SDA
SCL
VCC (2)
GND (4)
ADDR0
ADDR1
Part Number
Pb-Free
Operating
Temperature Range
Package
Packing Method
FMS6502MTC24
Yes
-40°C to 85°C
24-Lead Thin Shrink Small
Ouline Package
Rail
FMS6502MTC24X
Yes
-40°C to 85°C
24-Lead Thin Shrink Small
Ouline Package
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com