Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6502 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6502 Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6502 Datasheet HTML 1Page - ON Semiconductor FMS6502 Datasheet HTML 2Page - ON Semiconductor FMS6502 Datasheet HTML 3Page - ON Semiconductor FMS6502 Datasheet HTML 4Page - ON Semiconductor FMS6502 Datasheet HTML 5Page - ON Semiconductor FMS6502 Datasheet HTML 6Page - ON Semiconductor FMS6502 Datasheet HTML 7Page - ON Semiconductor FMS6502 Datasheet HTML 8Page - ON Semiconductor FMS6502 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
2
Pin Configuration
Figure 2. Pin Configuration
Pin Description
IN1
IN2
OUT1
OUT5
GND
16
15
1
2
3
4
5
6
7
OUT4
VDD
OUT2
8
9
10
GND
17
18
19
20
21
22
23
24
GND
OUT3
OUT6
IN8
IN5
ADDR0
IN3
VDD
IN4
GND
ADDR1
FAIRCHILD
FMS6502
24L TSSOP
SDA
14
13
11
12
IN7
IN6
SCL
Pin#
Pin
Type
Description
1
IN1
Input
Input, channel 1
2
GND
Output
Must be tied to ground
3
IN2
Input
Input, channel 2
4
VDD
Input
Positive power supply
5
IN3
Input
Input, channel 3
6
GND
Output
Must be tied to ground
7
IN4
Input
Input, channel 4
8
ADDR1
Input
Selects I2C address
9
IN5
Input
Input, channel 5
10
ADDR0
Input
Selects I2C address
11
IN6
Input
Input, channel 6
12
SCL
Input
Serial clock for I2C port
13
IN7
Input
Input, channel 7
14
SDA
Input
Serial data for I2C port
15
IN8
Input
Input, channel 8
16
GND
Output
Must be tied to ground
17
OUT6
Output
Output, channel 6
18
OUT5
Output
Output, channel 5
19
OUT4
Output
Output, channel 4
20
VDD
Input
Positive power supply
21
OUT3
Output
Output, channel 3
22
OUT2
Output
Output, channel 2
23
OUT1
Output
Output, channel 1
24
GND
Output
Must be tied to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com