Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7356 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7356 Datasheet HTML 9Page - Analog Devices AD7356 Datasheet HTML 10Page - Analog Devices AD7356 Datasheet HTML 11Page - Analog Devices AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7356
Data Sheet
Rev. B | Page 12 of 20
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7356 is a high speed, dual, 12-bit, single-supply, successive
approximation analog-to-digital converter (ADC). The device
operates from a 2.5 V power supply and features throughput
rates of up to 5 MSPS.
The AD7356 contains two on-chip differential track-and-hold
amplifiers, two successive approximation ADCs, and a serial
interface with two separate data output pins. The part is housed
in a 16-lead TSSOP, offering the user considerable space-saving
advantages over alternative solutions.
The serial clock input accesses data from the part but also provides
the clock source for each successive approximation ADC. The
AD7356 has an on-chip 2.048 V reference. If an external reference
is desired the internal reference can be overdriven with a reference
value ranging from (2.048 V + 100 mV) to VDD. If the internal
reference is to be used elsewhere in the system, then the
reference output needs to be buffered first. The differential
analog input range for the AD7356 is VCM ± VREF/2.
The AD7356 features power-down options to allow power
saving between conversions. The power-down feature is
implemented via the standard serial interface, as described
in the Modes of Operation section.
CONVERTER OPERATION
The AD7356 has two successive approximation ADCs, each
based around two capacitive DACs. Figure 14 and Figure 15
show simplified schematics of one of these ADCs in acquisition
and conversion phase. The ADC comprises a control logic, a
SAR, and two capacitive DACs. In Figure 14 (the acquisition
phase), SW3 is closed, SW1 and SW2 are in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor arrays acquire the differential signal on the input.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VIN+
VIN–
VREF
Figure 14. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 15), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected once the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the ADC output code. The output impedances of
the sources driving the VIN+ and VIN− pins must be matched;
otherwise, the two inputs may have different settling times,
resulting in errors.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VIN+
VIN–
VREF
Figure 15. ADC Conversion Phase
ANALOG INPUT STRUCTURE
Figure 16 shows the equivalent circuit of the analog input structure
of the AD7356. The four diodes provide ESD protection for the
analog inputs. Care must be taken to ensure that the analog input
signals never exceed the supply rails by more than 300 mV.
This causes these diodes to become forward biased and start
conducting into the substrate. These diodes can conduct up
to 10 mA without causing irreversible damage to the part.
The C1 capacitors in Figure 16 are typically 8 pF and can
primarily be attributed to pin capacitance. The R1 resistors
are lumped components made up of the on resistance of the
switches. The value of these resistors is typically about 30 Ω.
The C2 capacitors are the sampling capacitors of the ADC
with a capacitance of 32 pF typically.
VDD
C1
D
D
VIN+
R1 C2
VDD
C1
D
D
VIN–
R1 C2
Figure 16. Equivalent Analog Input Circuit,
Conversion Phase–Switches Open,
Track Phase—Switches Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com