Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7356 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices AD7356 Datasheet HTML 19Page - Analog Devices AD7356 Datasheet HTML 20Page - Analog Devices AD7356 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD7356
Data Sheet
Rev. B | Page 20 of 20
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 32. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Package Description
Package Option
AD7356BRUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7356BRUZ-500RL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7356BRUZ-RL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7356YRUZ
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7356YRUZ-500RL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7356YRUZ-RL
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
EVAL-AD7356EDZ
Evaluation Board
EVAL-CED1Z
Converter Evaluation and Development Board
1
Z = RoHS Compliant Part.
2
The EVAL-AD7356EDZevaluation board can be used as a standalone evaluation board or in conjunction with theEVAL-CED1Z board for evaluation/demonstration purposes.
3
The EVAL-CED1Z evaluation board isa completeunit allowing a PC to control and communicate with all Analog Devicesevaluation boards ending in the ED designator.
©2008–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06505-0-8/15(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com