Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 12Page - Analog Devices AD7944BCPZ Datasheet HTML 13Page - Analog Devices AD7944BCPZ Datasheet HTML 14Page - Analog Devices AD7944BCPZ Datasheet HTML 15Page - Analog Devices AD7944BCPZ Datasheet HTML 16Page - Analog Devices AD7944BCPZ Datasheet HTML 17Page - Analog Devices AD7944BCPZ Datasheet HTML 18Page - Analog Devices AD7944BCPZ Datasheet HTML 19Page - Analog Devices AD7944BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 15 of 28
ANALOG INPUTS
Figure 24 shows an equivalent circuit of the analog input
structure of the AD7944.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs, IN+ and IN−. Take care to ensure that the analog
input signal does not exceed the reference input voltage (VREF)
by more than 0.3 V. If the analog input signal exceeds this level,
the diodes become forward-biased and start conducting
current. These diodes can handle a forward-biased current of
130 mA maximum. However, if the supplies of the input buffer
(for example, the V+ and V− supplies of the buffer amplifier in
Figure 23) are different from those of REF, the analog input
signal may eventually exceed the supply rails by more than
0.3 V. In such a case (for example, an input buffer with a short
circuit), the current limitation can be used to protect the part.
Figure 24. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these
differential inputs, signals common to both inputs are rejected.
During the acquisition phase, the impedance of the analog inputs
(IN+ and IN−) can be modeled as a parallel combination of
Capacitor CPIN and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 30 pF and
is mainly the ADC sampling capacitor.
During the sampling phase, where the switches are closed, the
input impedance is limited to CPIN. RIN and CIN make a one-pole,
low-pass filter that reduces undesirable aliasing effects and
limits noise.
When the source impedance of the driving circuit is low, the
AD7944 can be driven directly. Large source impedances
significantly affect the ac performance, especially THD. The
dc performances are less sensitive to the input impedance. The
maximum source impedance depends on the amount of THD
that can be tolerated. The THD degrades as a function of the
source impedance and the maximum input frequency.
DRIVER AMPLIFIER CHOICE
Although the AD7944 is easy to drive, the driver amplifier must
meet the following requirements:
•
The noise generated by the driver amplifier must be kept as
low as possible to preserve the SNR and transition noise
performance of the AD7944. The noise from the driver is
filtered by the one-pole, low-pass filter of the AD7944 analog
input circuit, made by RIN and CIN, or by the external filter,
if one is used. Because the typical noise of the AD7944 is
100 µV rms, the SNR degradation due to the amplifier is


+
=
−
2
2
)
(
2
π
100
100
20log
(dB)
N
dB
3
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in MHz, of the AD7944
(19 MHz) or the cutoff frequency of the input filter, if
one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
•
For ac applications, the driver should have a THD perfor-
mance commensurate with that of the AD7944.
•
For multichannel multiplexed applications, the driver
amplifier and the AD7944 analog input circuit must settle
for a full-scale step onto the capacitor array at a 14-bit level
(0.0061%, 61 ppm). In the data sheet of the driver amplifier,
settling at 0.1% to 0.01% is more commonly specified. This
value can differ significantly from the settling time at a
14-bit level and should be verified prior to driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
ADA4899-1
Ultralow noise and high frequency
AD8014
Low power and high frequency
CPIN
REF
RIN
CIN
D1
D2
IN+ OR IN–
REFGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com