Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 15Page - Analog Devices AD7944BCPZ Datasheet HTML 16Page - Analog Devices AD7944BCPZ Datasheet HTML 17Page - Analog Devices AD7944BCPZ Datasheet HTML 18Page - Analog Devices AD7944BCPZ Datasheet HTML 19Page - Analog Devices AD7944BCPZ Datasheet HTML 20Page - Analog Devices AD7944BCPZ Datasheet HTML 21Page - Analog Devices AD7944BCPZ Datasheet HTML 22Page - Analog Devices AD7944BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 18 of 28
DATA READING OPTIONS
There are three different data reading options for the AD7944.
There is the option to read during conversion, to split the read
across acquisition and conversion (see Figure 26 and Figure 27),
and, in normal mode, to read during acquisition. The desired
SCK frequency largely determines the reading option to use.
Reading During Conversion, Fast Host (Turbo or
Normal Mode)
When reading during conversion (n), conversion results are for
the previous (n − 1) conversion. Reading should occur only up
to tDATA, and because this time is limited, the host must use a
fast SCK.
The required SCK frequency is calculated by
EN
CNVH
DATA
SCK
t
t
t
Edges
SCK
Number
f
−
−
≥
_
_
To determine the minimum SCK frequency, follow these
examples to read data from conversion (n − 1).
For turbo mode (2.5 MSPS)
Number_SCK_Edges = 14; tDATA = 190 ns; tCNVH = 10 ns;
tEN = 5 ns
fSCK = 14/(190 ns − 10 ns − 5 ns) = 80 MHz
For normal mode (2.0 MSPS)
Number_SCK_Edges = 14; tDATA = 290 ns; tCNVH = 10 ns;
tEN = 5 ns
fSCK = 14/(290 ns − 10 ns − 5 ns) = 50.9 MHz
The time between tDATA and tCONV is an input/output quiet time
during which digital activity should not occur, or sensitive bit
decisions may be corrupted.
Split Reading, Any Speed Host (Turbo or Normal Mode)
To allow for a slower SCK, there is the option of a split read,
where data access starts at the current acquisition (n) and spans
into the conversion (n). Conversion results are for the previous
(n − 1) conversion.
Similar to reading during conversion, split reading should occur
only up to tDATA. For the maximum throughput, the only time
restriction is that split reading take place during the tACQ
(minimum) + (tDATA − tQUIET) time. The time between the falling
edge of SCK and CNV rising is an acquisition quiet time, tQUIET.
To determine how to split the read for a particular SCK frequency,
follow these examples to read data from conversion (n − 1).
For turbo mode (2.5 MSPS)
fSCK = 60 MHz; tDATA = 190 ns; tCNVH = 10 ns; tEN = 5 ns
Number_SCK_Edges = 60 MHz × (190 ns − 10 ns −
5 ns) = 10.5
Ten bits are read during conversion (n), and four bits are read
during acquisition (n).
For normal mode (2.0 MSPS)
fSCK = 40 MHz; tDATA = 290 ns; tCNVH = 10 ns; tEN = 5 ns
Number_SCK_Edges = 40 MHz × (290 ns – 10 ns – 5 ns) = 11
Eleven bits are read during conversion (n), and three bits are
read during acquisition (n).
For slow throughputs, the time restriction is dictated by the
throughput required by the user; the host is free to run at any
speed. Similar to reading during acquisition, data access for
slow hosts must take place during the acquisition phase with
additional time into the conversion.
Note that data access spanning conversion requires the CNV
pin to be driven high to initiate a new conversion, and data
access is not allowed when CNV is high. Thus, the host must
perform two bursts of data access when using this method.
Reading During Acquisition, Any Speed Host (Turbo or
Normal Mode)
When reading during acquisition (n), conversion results are
for the previous (n − 1) conversion. Maximum throughput is
achievable in normal mode (2.0 MSPS); however, in turbo
mode, 2.5 MSPS throughput is not achievable.
For the maximum throughput, the only time restriction is that
reading take place during the tACQ (minimum) time. For slow
throughputs, the time restriction is dictated by the throughput
required by the user; the host is free to run at any speed. Thus,
for slow hosts, data access must take place during the acquisi-
tion phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com