Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6331 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6331
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6331 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6331 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
6 to 12.4
12.4 to 18
18 to 20
GHz
VSWR, Max
1.2:1
1.35:1
1.45:1
1.7:1
Insertion Loss, Max
0.39
0.486
0.57
0.6
dB
Isolation, Min
100
90
80
80
dB
.
Electrical Specification Notes:
Insertion Loss Repeatability at 25° is 0.03 dB
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width/Diameter
1.25 in [31.75 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.587 lbs [266.26 g]
Body Material and Plating
Aluminum, Nickel
Package Type
Connectorized
.
Operating Life
10,000,000 Cycles
Switching Time
15 ms Max
Connectors
RF Connector Type
SMA Female
RF Connector Contact Material and Plating
Beryllium Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
HE 10
Environmental Specifications
Temperature
Operating Range
-25 to +75 deg C
Storage Range
-55 to +85 deg C
Humidity
MIL-STD-202, Method 106E, Condition E, 65°C, 95%
RH, 10 days
Shock
MIL-STD-202, method 213B, Condition G, 50g, 6 ms,
1/2 Sine, Operating
Vibration
MIL-STD-202, Method 204D, Condition D, 10-2000 Hz,
10g, Operating
Altitude
MIL-STD-202-Method 105C, Condition B, 50,000 feet
(15,240 meters)
PE71S6331 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T 0.03 dB Low Insertion Loss Repeatability Relay Latching Switch, Terminated, DC to
20 GHz, 70W, 24V, Indicators, Self Cut Off, SMA PE71S6331
Electromechanical Relay Switches Technical Data
PE71S6331
SP6T 0.03 dB Low Insertion Loss Repeatability
Relay Latching Switch, Terminated, DC to 20 GHz,
70W, 24V, Indicators, Self Cut Off, SMA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com