Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6331 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6331
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6331 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6331 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE71S6331 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Temperature Cycling
MIL-STD-202, Method 107D, Condition A, -55oC to
+85oC, 10 cycles
EMI/RFI
MIL-STD-1344, Method 3008, or IEC 61726, 55 dB at
20 GHz
Magnetic Field
< 5x10-5 gauss at 1 meter
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
0
2
4
6
8
10
12
14
16
18
20
GHz
VSWR
PE71S6331 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T 0.03 dB Low Insertion Loss Repeatability Relay Latching Switch, Terminated, DC to
20 GHz, 70W, 24V, Indicators, Self Cut Off, SMA PE71S6331
SP6T 0.03 dB Low Insertion Loss Repeatability
Relay Latching Switch, Terminated, DC to 20 GHz,
70W, 24V, Indicators, Self Cut Off, SMA
Electromechanical Relay Switches Technical Data
PE71S6331



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com