Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT843 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT843
Description  9-Bit Transparent Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT843 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74ACT843 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 8Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74AC
74AC
VCC
TA ea25 C
TA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
CL e 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
33
35
65
120
25
130
ns
Dn to On
50
20
45
85
15
90
tPHL
Propagation Delay
33
40
70
120
30
130
ns
Dn to On
50
25
50
85
15
90
tPLH
Propagation Delay
33
35
65
120
130
25
ns
LE to On
50
20
45
85
15
90
tPHL
Propagation Delay
33
40
70
120
30
130
ns
LE to On
50
25
50
85
15
90
tPLH
Propagation Delay
33
55
85
190
45
215
ns
PRE to On
50
35
60
130
25
145
tPHL
Propagation Delay
33
75
110
215
60
240
ns
CLR to On
50
50
75
150
40
170
tPZH
Output Enable Time
33
35
60
110
30
120
ns
OE to On
50
20
45
80
15
90
tPZL
Output Enable Time
33
40
65
110
25
120
ns
OE to On
50
20
50
80
15
90
tPHZ
Output Disable Time
33
40
65
105
35
110
ns
OE to On
50
30
50
80
25
85
tPLZ
Output Disable Time
33
30
60
105
25
110
ns
OE to On
50
20
45
80
15
85
tPHL
Propagation Delay
33
45
70
125
35
135
ns
PRE to On
50
30
50
90
20
95
tPLH
Propagation Delay
33
45
70
125
35
135
ns
CLR to On
50
30
50
90
20
95
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com