Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT843 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT843
Description  9-Bit Transparent Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT843 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74ACT843 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 8Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 9Page - National Semiconductor (TI) 74ACT843 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Operating Requirements
Symbol
Parameter
VCC
(V)
74AC
74AC
Units
TA ea25 C
TA eb40 C
CL e 50 pF
to a85 C
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
33
0
30
35
ns
Dn to LE
50
b
05
15
20
th
Hold Time HIGH or LOW
33
20
20
ns
Dn to LE
50
b
05
25
25
tw
LE Pulse Width HIGH
33
15
30
30
ns
50
15
30
30
tw
PRE Pulse Width LOW
33
50
120
145
ns
50
30
85
100
tw
CLR Pulse Width LOW
33
55
140
165
ns
50
40
100
120
trec
PRE Recovery Time
33
10
30
30
ns
50
0
15
15
trec
CLR Recovery Time
33
0
15
15
ns
50
b
05
05
05
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com