Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1060 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1060 Datasheet HTML 17Page - Analog Devices ADM1060 Datasheet HTML 18Page - Analog Devices ADM1060 Datasheet HTML 19Page - Analog Devices ADM1060 Datasheet HTML 20Page - Analog Devices ADM1060 Datasheet HTML 21Page - Analog Devices ADM1060 Datasheet HTML 22Page - Analog Devices ADM1060 Datasheet HTML 23Page - Analog Devices ADM1060 Datasheet HTML 24Page - Analog Devices ADM1060 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
ADM1060 LOGIC
ADM1060
– 21 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
38
28
P4PLBPOLB
00h
Polarity Sense for all 8 other PLB outputs when used as
inputs to the B function of PLB4
39
29
P4PLBIMKB
00h
Ignore Mask for all 8 other PLB outputs when used as
inputs to the B function of PLB4
3 A
30
P4SFDPOLB
00h
Polarity Sense for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the B function of PLB4
3 B
31
P4SFDIMKB
00h
Ignore Mask for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the B function of PLB4
40
28
P5PLBPOLA
00h
Polarity Sense for all 8 other PLB outputs when used as
inputs to the A function of PLB5
41
29
P5PLBIMKA
00h
Ignore Mask for all 8 other PLB outputs when used as
inputs to the A function of PLB5
42
30
P5SFDPOLA
00h
Polarity Sense for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the A function of PLB5
43
31
P5SFDIMKA
00h
Ignore Mask for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the A function of PLB5
44
32
P5GPIPOL
00h
Polarity Sense and Ignore Mask bits for all 4 GPI’s when
used as inputs to the A function of PLB5
45
33
P5GPIIMK
00h
Polarity Sense and Ignore Mask bits for all 4 GPI’s when
used as inputs to the B function of PLB5
46
34
P 5 W D I C F G
00h
Polarity Sense and Ignore Mask bits for the pulsed and
latched outputs of the watchdog detector when used as
inputs to both A and B functions of PLB5
47
35
PS5EN
00h
Enable bits for A and B functions of PLB5,
polarity bit
for PLB5 output
48
28
P5PLBPOLB
00h
Polarity Sense for all 8 other PLB outputs when used as
inputs to the B function of PLB5
49
29
P5PLBIMKB
00h
Ignore Mask for all 8 other PLB outputs when used as
inputs to the B function of PLB5
4 A
30
P5SFDPOLB
00h
Polarity Sense for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the B function of PLB5
4 B
31
P5SFDIMKB
00h
Ignore Mask for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the B function of PLB5
50
28
P6PLBPOLA
00h
Polarity Sense for all 8 other PLB outputs when used as
inputs to the A function of PLB6
51
29
P6PLBIMKA
00h
Ignore Mask for all 8 other PLB outputs when used as
inputs to the A function of PLB6
52
30
P6SFDPOLA
00h
Polarity Sense for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the A function of PLB6
53
31
P6SFDIMKA
00h
Ignore Mask for all 7 SFD inputs (VH, 2 VB, 4 VP’s) to
the A function of PLB6
54
32
P6GPIPOL
00h
Polarity Sense and Ignore Mask bits for all 4 GPI’s when
used as inputs to the A function of PLB6
55
33
P6GPIIMK
00h
Polarity Sense and Ignore Mask bits for all 4 GPI’s
when
used as inputs to the B function of PLB6
Hex
Table
Name
Default
Description
Address
Power On Value
TABLE 27. LIST OF REGISTERS FOR THE PROGRAMMABLE LOGIC BLOCK ARRAY (PLBA) (Contd.)
Hex
Table
Name
Default
Description
Address
Power On Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com