Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1L-FKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLV1L-FKB
Description  Cree PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1L-FKB Datasheet(HTML) 3 Page - Cree, Inc

  CLV1L-FKB Datasheet HTML 1Page - Cree, Inc CLV1L-FKB Datasheet HTML 2Page - Cree, Inc CLV1L-FKB Datasheet HTML 3Page - Cree, Inc CLV1L-FKB Datasheet HTML 4Page - Cree, Inc CLV1L-FKB Datasheet HTML 5Page - Cree, Inc CLV1L-FKB Datasheet HTML 6Page - Cree, Inc CLV1L-FKB Datasheet HTML 7Page - Cree, Inc CLV1L-FKB Datasheet HTML 8Page - Cree, Inc CLV1L-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD LED
CLV1L-FKB
COLOR BIN LIMIT (RED I
F = 20 mA, GREEN IF = 15 mA, BLUE IF = 15 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
INTENSITY BIN LIMIT (RED I
F = 20 mA, GREEN IF = 15 mA, BLUE IF = 15 mA)
Red
Bin Code
Min.(mcd)
Max.(mcd)
J
450
560
km
505
635
K
560
710
np
635
805
M
710
900
Green
Bin Code
Min.(mcd) Max.(mcd)
N
900
1120
st
1010
1260
P
1120
1400
vw
1260
1600
Q
1400
1800
Blue
Bin Code
Min.(mcd)
Max.(mcd)
E
180
224
bc
202
252
F
224
280
de
252
318
G
280
355
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com