Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV1L-FKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLV1L-FKB
Description  Cree PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1L-FKB Datasheet(HTML) 1 Page - Cree, Inc

  CLV1L-FKB Datasheet HTML 1Page - Cree, Inc CLV1L-FKB Datasheet HTML 2Page - Cree, Inc CLV1L-FKB Datasheet HTML 3Page - Cree, Inc CLV1L-FKB Datasheet HTML 4Page - Cree, Inc CLV1L-FKB Datasheet HTML 5Page - Cree, Inc CLV1L-FKB Datasheet HTML 6Page - Cree, Inc CLV1L-FKB Datasheet HTML 7Page - Cree, Inc CLV1L-FKB Datasheet HTML 8Page - Cree, Inc CLV1L-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 SMD LED
CLV1L-FKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
Cree PLCC full-color LEDs offer high-
intensity light output and a wide
viewing angle in an industry-standard
package. Designed to work in a wide
array of environmental conditions,
Cree PLCC full-color LEDs are suited
for indoor video screen, decorative
lighting and amusement applications.
FEATURES
• Size (mm):3.2 x 2.8
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 535nm)
Blue (460 - 475nm)
• Luminous Intensity (mcd)
Red (450 - 900)
Green (900 - 1800)
Blue (180 - 355)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLV1L-FKB

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLV1L-FKB CREELED-CLV1L-FKB Datasheet
694Kb / 10P
CLV1L-FKB: PLCC4 3 in 1 SMD LED
REV 9
More results

Similar Description - CLV1L-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLA1A-WKW CREE-CLA1A-WKW_16 Datasheet
842Kb / 11P
Cree PLCC4 1 in 1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com