Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMA3090 Datasheet(PDF) 21 Page - Cree, Inc

Part # CMA3090
Description  Cree XLamp CMA3090 LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA3090 Datasheet(HTML) 21 Page - Cree, Inc

Back Button CMA3090 Datasheet HTML 14Page - Cree, Inc CMA3090 Datasheet HTML 15Page - Cree, Inc CMA3090 Datasheet HTML 16Page - Cree, Inc CMA3090 Datasheet HTML 17Page - Cree, Inc CMA3090 Datasheet HTML 18Page - Cree, Inc CMA3090 Datasheet HTML 19Page - Cree, Inc CMA3090 Datasheet HTML 20Page - Cree, Inc CMA3090 Datasheet HTML 21Page - Cree, Inc CMA3090 Datasheet HTML 22Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® Cma3090 LED
notEs
Measurements
The luminous flux, radiant power, chromaticity, forward voltage and CRI measurements in this document are binning specifications only
and solely represent product measurements as of the date of shipment. These measurements will change over time based on a number
of factors that are not within Cree’s control and are not intended or provided as operational specifications for the products. Calculated
values are provided for informational purposes only and are not intended or provided as specifications.
Pre-release Qualification testing
Please read the LeD Reliability Overview for details of the qualification process Cree applies to ensure long-term reliability for XLamp
LEDs and details of Cree’s pre-release qualification testing for XLamp LEDs. Cree did not perform Room Temperature Operating Life
(RTOL) testing on the CMA3090 LED
Lumen Maintenance
Cree now uses standardized IeS LM-80-08 and TM-21-11 methods for collecting long-term data and extrapolating LeD lumen maintenance.
For information on the specific LM-80 data sets available for this LED, refer to the public LM-80 results document.
Please read the Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance testing and forecasting.
Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect
the LED junction temperature.
rohs Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product
ecology section of the Cree website.
uL® recognized Component
This product meets the requirements to be considered a UL Recognized Component with Level 4 enclosure consideration. The LeD
package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750.
Vision advisory
WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please
refer to the LeD eye Safety application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com