Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMA3090 Datasheet(PDF) 7 Page - Cree, Inc

Part # CMA3090
Description  Cree XLamp CMA3090 LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA3090 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CMA3090 Datasheet HTML 3Page - Cree, Inc CMA3090 Datasheet HTML 4Page - Cree, Inc CMA3090 Datasheet HTML 5Page - Cree, Inc CMA3090 Datasheet HTML 6Page - Cree, Inc CMA3090 Datasheet HTML 7Page - Cree, Inc CMA3090 Datasheet HTML 8Page - Cree, Inc CMA3090 Datasheet HTML 9Page - Cree, Inc CMA3090 Datasheet HTML 10Page - Cree, Inc CMA3090 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Cma3090 LED
Flux CharaCteristiCs, Premium COlOr Order COdes and Bins- 72 V (i
f = 1200 mA, tJ = 85 °C)
fidelity
nominal
CCt
Cri*
Minimum
Luminous
Flux (lm)
typical
Luminous
Flux (lm)
2-step
Min.
typ
group
order Code
4000 K
95
98
8,873
9,541
L5A
CMA3090-0000-000R0Z0AL5A
3500 K
95
98
8,636
9,286
35H
CMA3090-0000-000R0Z0A35H
3000 K
95
98
8,075
8,682
30H
CMA3090-0000-000R0Z0A30H
2700 K
95
98
7,645
8,220
27H
CMA3090-0000-000R0Z0A27H
specialty
nominal
CCt
Cri
Minimum
Luminous
Flux (lm)
typical
Luminous
Flux (lm)
2-step
3-step
Min.
typ
group
order Code
group
order Code
group
order Code
3100 K
90
92
9,215
9,909
31Q
CMA3090-0000-
000R0U0A31Q
3000 K
80
82
10,900
11,720
L7B
CMA3090-0000-
000R0H0AL7B
90
92
9,215
9,909
30Q
CMA3090-0000-
000R0U0A30Q
30U
CMA3090-0000-
000R0U0A30U
95
98
8,075
8,682
L7C
CMA3090-0000-
000R0Z0AL7C
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
•
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com