Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6428F Datasheet(PDF) 1 Page - LSI Computer Systems

Part # BA6428F
Description  Single phase full-wave driver IC for fan motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA6428F Datasheet(HTML) 1 Page - LSI Computer Systems

  BA6428F Datasheet HTML 1Page - LSI Computer Systems BA6428F Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimension (Units : mm)
Description
Applications
Features
Single phase full-wave driver IC for fan motor
1) Built-in power Tr
2) Lock detector, Automatic restart function
3) Built-in thermal shut down
4) Alarm output terminal
SOP8
BA6428F
99W122A
Fan motor
January, 2000
* Derating: 5.5mW/˚C for operation above Ta=25 ˚C.
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
VCC
Pd
Topr
Tstg
V
mW
˚C
˚C
Supply voltage
VCC
V
3.0
5.0
14.0
15
687 *
~
–40
+85
~
–55
+150
Parameter
Symbol
Limits
Unit
Recommended Operating Conditions (Ta=25 ˚C)
Parameter
Symbol
Unit
Min.
Typ.
Max.
Absolute Maximum Ratings (Ta=25 ˚C)
The BA6428F is a single phase full-wave fan motor driver.
It has motor protection functions such as a lock detector,
automatic restart, and an output terminal that alarms
when the motor is locked. This IC makes sets smaller,
due to the compact SOP8 package and the requirement
of few external components.


Similar Part No. - BA6428F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6428F ROHM-BA6428F Datasheet
233Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
More results

Similar Description - BA6428F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6721FS ROHM-BD6721FS Datasheet
316Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6799FVM ROHM-BH6799FVM Datasheet
313Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6963AFUJ ROHM-BD6963AFUJ Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Shaoxing Devechip Micro...
SDC11556 SDC-SDC11556 Datasheet
314Kb / 8P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com