Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6428F Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BA6428F
Description  Single phase full-wave driver IC for fan motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA6428F Datasheet(HTML) 2 Page - LSI Computer Systems

  BA6428F Datasheet HTML 1Page - LSI Computer Systems BA6428F Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Circuit current
Capacitor discharging current
Capacitor charge/discharge current
Capacitor clamp voltage
Capacitor comparator voltage
Output L voltage
Output H voltage
Alarm output terminal L voltage
Alarm output terminal leak current
ICC
ILDC
ILDD
rCD
VLDCL
VLDCP
VOL
VOH
VALL
IALL
mA
µA
—
V
9.0
4.64
0.80
10.0
2.60
1.06
0.3
0.5
50
4.5
2.90
0.48
6.0
1.93
0.76
0.2
4.1
0.3
0
2.2
1.60
0.24
4.5
1.27
0.47
—
3.9
—
—
Output=OFF
VLD=1.1V
rCD=ILDC/ILDD
IO=200mA
IAL=5mA
VAL=15V
Conditions
Parameter
Symbol
Unit
Min.
Typ.
Max.
Capacitor charging current
(Unless otherwise noted, Ta=25˚C, Vcc=5V)
Electrical characteristics
µA
V
V
V
V
µA
VLD=1.1V
IO=200mA
—



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com