Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707MF Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707MF
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707MF Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2707MF Datasheet HTML 9Page - National Semiconductor (TI) LM2707MF Datasheet HTML 10Page - National Semiconductor (TI) LM2707MF Datasheet HTML 11Page - National Semiconductor (TI) LM2707MF Datasheet HTML 12Page - National Semiconductor (TI) LM2707MF Datasheet HTML 13Page - National Semiconductor (TI) LM2707MF Datasheet HTML 14Page - National Semiconductor (TI) LM2707MF Datasheet HTML 15Page - National Semiconductor (TI) LM2707MF Datasheet HTML 16Page - National Semiconductor (TI) LM2707MF Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Product Description (Continued)
R
IN: Internal Resistance Betwen VIN and LX Pins.
Rearranging the equation above allows for easy calculation
of an external resistance to obtain a desired peak inductor
current:
OUTPUT OVER-VOLTAGE PROTECTION
The LM2707 contains an over-voltage protection circuit that
limits the voltage at the V
OVP pin and prevents the LM2707
from boosting to voltages that might damage the LM2707 or
external components (LEDs, capacitors, etc.). This circuit is
especially important in LED-drive applications where there is
the possibility that the feedback path might be broken if the
LED string becomes disconnected or if an LED burns out.
The over-voltage protection circuit protects internal circuits
and the NFET power transistor. The over-voltage threshold
is typically centered at 18.75V, and contains approximately
500mV of hysteresis.
The output over-voltage protection feature can be disabled
by connecting the V
OVP pin to ground.
INPUT VOLTAGE RANGE AND UNDER-VOLTAGE
LOCKOUT
The LM2707 input voltage operating range is 2.3V to 7.0V.
When the input voltage becomes excessively low, the under-
voltage lockout circuit interrupts switching cycles to prevent
device malfunction. Lockout typically occurs when the input
voltage falls to 1.9V. There is approximately 100mV of hys-
teresis in the under-voltage lockout threshold.
ENABLE AND SHUTDOWN
The Enable pin (EN) is a logic input that puts the part in
active mode when the voltage on the pin is high. It places the
part in a low-power shutdown mode when the voltage on the
pin is low. When shutdown, the LM2707 input typically con-
sumes only a few nanoamps of current. There is a 122k
Ω
pull-down resistor connected internally between the EN and
GND pins. This resistor pulls the LM2707 into shutdown
mode when the EN pin is left floating.
Components and Connectivity
INDUCTOR SELECTION
Inductor selection is a vital part of LM2707 circuit design.
The inductance value affects input and output ripple voltages
and currents. An inductor with low series resistance will
provide optimal power conversion efficiency. The saturation
current rating of the inductor should be chosen so that it is
above the steady-state peak inductor current of the applica-
tion. (See the Peak Inductor Current section of the
datasheet.
A few inductors recommended for use with the LM2707 are:
•
TDK VLF3010A Series
•
TDK VLF4012A Series
•
Coilcraft DT1608C Series
•
Coilcraft DO1608C Series
Many other inductors that are not on this list will also function
well with the LM2707.
DIODE SELECTION
For high efficiency and good circuit performance, a fast
schottky rectifier diode with a low forward voltage is recom-
mended for use with the LM2707. The average current rating
of the diode should be higher than the peak inductor current
of the application. The reverse breakdown voltage of the
diode should be greater than the maximum output voltage of
the circuit.
Some schottky diodes recommended for use with the
LM2707 are:
•
Vishay MBR0520L
•
Sanyo SB07-03C
•
ON Semiconductor MBR0520L
Many other diodes that are not on this list will also function
well with the LM2707.
CAPACITOR SELECTION
The LM2707 circuit requires three external capacitors for
proper operation: an input capacitor (C
IN), an output capaci-
tor (C
OUT), and a capacitor to program the oscillator fre-
quency (C
X).
The input capacitor keeps input voltage ripple, input current
ripple, and input noise levels low. The ripple magnitudes will
typically be inversely proportional to input capacitance: the
larger the capacitance, the smaller the ripple. A 4.7µF ca-
pacitor is recommended for a typical LM2707 circuit. This
value can be increased or decreased as desired, with the
only impact being a change in input ripple and noise. The
input capacitor should have a voltage rating that is at least as
large as the maximum input voltage of the application.
The capacitor on the output performs a similar function:
keeping ripple voltage, ripple current, and noise levels low.
Like the input, the output ripple magnitudes are inversely
proportional to the capacitance on the output. Due to the
inherently stable ON/OFF control scheme of the LM2707,
the output capacitance does not affect stability of the circuit.
But an undersized capacitor may result in excessive ripple
that could cause the circuit to behave erratically or even
prematurely trip the over-voltage protection. A 2.2µF capaci-
tor (or two 1µF capacitors in parallel) is sufficient for a typical
LM2707 application. To accommodate the over-voltage pro-
tection circuit, a voltage rating of at least 25V is recom-
mended for the output capacitor.
Surface-mount multi-layer ceramic capacitors are recom-
mended for both the input and output capacitors. These
capacitors are small, inexpensive and have very low equiva-
lent series resistance (ESR
≤ 15mΩ typ.). Tantalum capaci-
tors, OS-CON capacitors, and aluminum electrolytic capaci-
tors generally are not recommended for use with the
LM2707 due to their high ESR, as compared to ceramic
capacitors. If one of these types of capacitor is used, it is
recommended that small ceramic capacitors (0.1µF to 1µF)
also be placed in parallel with each of the larger bypass
capacitors to filter high frequency noise. These small ce-
ramic capacitors should be placed as close to the LM2707
as possible for optimal filtering.
For most applications, ceramic capacitors with an X7R or
X5R temperature characteristic should be used for C
IN and
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com