Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707MF Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707MF
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707MF Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2707MF Datasheet HTML 10Page - National Semiconductor (TI) LM2707MF Datasheet HTML 11Page - National Semiconductor (TI) LM2707MF Datasheet HTML 12Page - National Semiconductor (TI) LM2707MF Datasheet HTML 13Page - National Semiconductor (TI) LM2707MF Datasheet HTML 14Page - National Semiconductor (TI) LM2707MF Datasheet HTML 15Page - National Semiconductor (TI) LM2707MF Datasheet HTML 16Page - National Semiconductor (TI) LM2707MF Datasheet HTML 17Page - National Semiconductor (TI) LM2707MF Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Components and Connectivity
(Continued)
C
OUT. These capacitors have tight capacitance tolerance (as
good as +/-10%) and hold their value over temperature
(X7R: +/-15% over –55˚C to 125˚C; X5R: +/-15% over
–55˚C to 85˚C).
Capacitors with a Y5V or Z5U temperature characteristic are
generally not recommended for use with the LM2707. These
types of capacitors typically have wide capacitance toler-
ance (+80%, -20%) and vary significantly over temperature
(Y5V: +22%, -82% over –30˚C to +85˚C; Z5U: +22%, -56%
over +10˚C to +85˚C). Under some conditions, a 1uF-rated
Y5V or Z5U capacitor could have a capacitance as low as
0.1uF. The greatly reduced capacitance under some condi-
tions will result in very high ripple voltages and currents.
Net capacitance of a ceramic capacitor decreases with in-
creased DC bias. This capacitance reduction can give lower
capacitance than expected on the input and/or output, result-
ing in higher ripple voltages and currents. Using capacitors
at DC bias voltages significantly below the capacitor voltage
rating will usually minimize DC bias effects. Consult capaci-
tor manufacturers for information on capacitor DC bias char-
acteristics.
A ceramic capacitor can also be used for the C
X capacitor. A
small capacitor with a good temperature coefficient (COG,
for example) should be chosen.
Below is a list of some leading ceramic capacitor manufac-
turers:
•
TDK <www.component.tdk.com
•
AVX <www.avx.com>
•
Murata <www.murata.com>
•
Taiyo Yuden <www.t-yuden.com>
•
Vishay <www.vishay.com>
BOARD LAYOUT RECOMMENDATIONS
For optimal LM2707 circuit performance, the following board
layout suggestions are recommended:
•
Use short, wide traces and/or fills to connect the LM2707
and the external components. This results in low imped-
ance connections that minimize parasitic losses and
noise emissions.
•
Utilize low impedance traces and an internal ground
plane to connect the LM2707 GND pin to the input ca-
pacitor, output capacitor, C
X capacitor, and feedback re-
sistor.
•
Place the input capacitor as close to the LM2707 V
IN pin
as possible to minimize input noise.
•
Place the inductor and rectifier diode as close as possible
to the SW pin and minimize the lengths of the connec-
tions of this high-frequency switching node.
See Figure 9 for an example of a recommended board layout
of an LM2707 circuit.
Application Information
LED DRIVE EFFICIENCY
The LM2707 can be used to build a high efficiency LED drive
circuit. The low ON resistance of the NFET power device and
the sub-bandgap feedback voltage minimize the power con-
sumption of the LED-drive circuit. A circuit that uses an
inductor with a low series resistance and a diode with a low
forward voltage (low-V
F) will achieve maximum LED drive
efficiency.
LED drive efficiency (E) is commonly measured and calcu-
lated by taking the ratio of power consumed by the LEDs to
the power consumed at the input of the LED drive circuit:
Efficiency curves for a representative LM2707 LED drive
circuits can be referenced in the Typical Performance Char-
acteristics graphs.
LED BRIGHTNESS ADJUSTMENT
There are several methods and application circuits that can
be used to dynamically adjust LED brightness.
A pulse-width modulated signal applied to the enable (EN)
pin can be used to strobe the LEDs and adjust the perceived
LED brightness (see the schematic on page 1 of the
datasheet). With this approach, the LEDs are ON and driven
at the current programmed by the feedback resistor when
the pulse voltage is high. The LM2707 and the LEDs are
OFF when the pulse voltage is low. Brightness is propor-
tional to the duty cycle of the pulse signal.
The LM2707 can accommodate a very wide range of PWM
signal frequencies: signals between 100Hz and 50kHz are
acceptable. Signals below 100Hz are not recommended
because these lower frequencies are distinguishable by the
human eye. The brightness vs. duty cycle characteristic of
the circuit may vary slightly with different PWM frequencies.
This is especially noticable at the higher PWM frequencies.
See Table 1 for an example.
20099234
FIGURE 9. Example LM2707 LED Driver Board Layout
(LEDs not shown)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com