Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB225CWCKG01-5D-EB Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB225CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB225CWCKG01-5D-EB Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB225CWCKG01-5D-EB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D119
D
www.nkkswitches.com
24mm square and 25mm diameter pushbuttons with the shortest above-panel
dimension (1.8mm) in the industry for splashproof design.
Meets IP65 of IEC60529 standards (similar to NEMA 4 and 13), providing
dust tight and splashproof panel seal protection.
Tamper resistant 18mm square and 19mm diameter actuators.
Short body of .965” (24.5mm) conserves behind-panel space.
Distinctive long stroke and light touch actuation for clear
indication of circuit status.
Choice of cap colors includes clear, brushed chrome, red,
green, or yellow, for enhanced panel appearance. Metallic
silver cap option has bright ring illumination (round only).
Unbrushed chrome has the look of stainless steel when non-
illuminated, and LED color or legends when illuminated.
Brilliant illumination with multiple LED colors.
Bezel color options in black or brushed chrome.
Brushed chrome option is lighter weight than actual
metal switches due to metal plating on resin.
Available in momentary and alternate action with latchdown.
Crisp actuation and clear circuit status provided by snap-action
contact mechanism. Arc barrier protects against crossover.
Combination solder lug and .110” quick connect terminals. Terminals
are epoxy sealed to lock out flux, dust, solvents, and other contaminants,
as well as to secure terminals and improve contact stability.
Custom legends on actuator or inserts.
Distinctive Characteristics
Actual Size (Round)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com