Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB225CWCKG01-5D-EB Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB225CWCKG01-5D-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB225CWCKG01-5D-EB Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button YB225CWCKG01-5D-EB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCKG01-5D-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D123
D
www.nkkswitches.com
BRIGHT & SUPER BRIGHT LEDS
AT634
5-volt,
2-element
with Resistor
AT634
12-volt,
4-element
with Resistor
Electrical Specifications for Bright Green LED with Resistor
Unit
Maximum Forward Current
I
FM
—
—
—
mA
Typical Forward Current
I
F
11
9.5
8.7
mA
Forward Voltage
V
F
5
12
24
V
Maximum Reverse Voltage
V
RM
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
—
—
—
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
Available:
5F Green
The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and
requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required.
Base of AT634 and AT636 is Black for 5V, Light Blue for 12V and Gray for 24V.
Bright
AT636
Bright
AT634
T-11⁄4 Bi-pin
T-11⁄4 Bi-pin
(-)
(+)
(+)
(-)
(+)
(-)
AT634
24-volt,
4-element
with Resistor
Electrical Specifications for Bright Red & Amber LED with Resistor
Unit
Maximum Forward Current
I
FM
—
—
—
mA
Typical Forward Current
I
F
25
20
10
mA
Forward Voltage
V
F
5
12
24
V
Maximum Reverse Voltage
V
RM
4
8
16
V
Current Reduction Rate Above 25°C
∆I
F
—
—
—
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
Available:
5C
5D
Red
Amber
05
12
24
05
12
24
Electrical Specifications for Bright LED without Resistor
Unit
LED Colors
Red
Amber
Maximum Forward Current
I
FM
40
40
mA
Typical Forward Current
I
F
26
26
mA
Forward Voltage
V
F
1.9
2.0
V
Maximum Reverse Voltage
V
RM
4
4
V
Current Reduction Rate Above 25°C
∆I
F
0.50
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
No Code
Colors
Available:
5C
5D
Red
Amber
(+)
(-)
Bright
AT628
T-1 Bi-pin
No Resistor
Electrical Specifications for Super Bright LED
Maximum Forward Current
I
FM
30
30
30
mA
Typical Forward Current
I
F
20
20
20
mA
Forward Voltage
V
F
3.3
3.3
3.3
V
Maximum Reverse Voltage
V
RM
7
7
7
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.40
0.40
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors:
Super Bright
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
6B
6F
6G
Unit
White
Green
Blue
(+)
(-)
(-)
(+)
(-)
(+)
5V
12V & 24V
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com