Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L110 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3L110
Description  3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L110 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3L110 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8690A
09/22/04
Features
• RON is 4Ωs typical
• Low crosstalk: –27dB @ 250MHz
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On capacitance: 9pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD>2000V . . . Human Body Model
• >350 MHz bandwidth (or data frequency)
• Packaging (Pb-free & Green available)
16-pin 150 mil wide plastic QSOP (Q)
16-pin 173 mil wide plastic TSSOP(L)
Applications
• Dual Physical Layer Device sharing to one interface
connector
• Routes signals for 10/100 Mbit Ethernet
Description
PericomSemiconductor’s PI3Lseriesof logiccircuitsareproduced
using the Company’s advanced sub-micron CMOS technology,
achieving industry leading performance.
The PI3L110 is a 8- to 4-bit multiplexer/demultiplexer LAN
Switch with Hi-Z outputs. Industry leading advantages include a
propagation delay of less than 250ps, resulting from its low channel
resistance and I/O capacitance. The device multiplexes differential
outputs from a Fast Ethernet transceiver (PHY) device to one of
two corresponding outputs. The switch is bidirectional and offers
little or no attenuation of the high-speed signals at the outputs. It
is designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as 10/100
Base-T (Ethernet).
Generally, this part can be used to replace mechanical relays in
low-voltage LAN applications that interface a physical layer over
CAT 5 or CAT 6 unshielded twisted pair cable through an isolation
transformer.
Block Diagram
Pin Configuration
PI3L110
3.3V Quad, 2:1 Mux/DeMux
Fast Ethernet LAN Switch w/ Single Enable
VCC
1
S
16
E
2
IA0
15
ID0
3
IA1
14
ID1
4
YA
13
YD
5
IB0
12
IC0
6
IB1
11
IC1
7
YB
10
YC
8
GND
9
E
IA0 IA1 IB0 IB1 IC0 IC1 ID0 ID1
S
YA
YB
YC
YD


Similar Part No. - PI3L110

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110L PERICOM-PI3L110L Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
639Kb / 7P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110Q PERICOM-PI3L110Q Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3L110

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com