Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L110 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3L110
Description  3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L110 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3L110 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L110 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8690A
09/22/04
PI3L110
3.3V Quad, 2:1 Mux/DeMux
Fast Ethernet LAN Switch w/ Single Enable
Pin Description
Pin Name
Description
IAN-IDN
Data Inputs
S
Select Inputs
E
Enable
YA-YD
Data Outputs
GND
Ground
VCC
Power
Storage Temperature ......................................... –65°C to +150°C
Supply Voltage to Ground Potential
.............–0.5V to +4.0V
DC Input Voltage .................................................–0.5V to +5.5V
DC Output Current............................................................ 120mA
Power Dissipation ................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Truth Table(1)
E
S
YA
YB
YC
YD
Function
H
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Disable
L
L
IA0
IB0
IC0
ID0
S = 0
L
H
IA1
IB1
IC1
ID1
S = 1
Note:
1. H = High Voltage Level
L = Low Voltage Level
DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min.
Typ.(2)
Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2.0
–
–
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
–
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
–
–
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
–
–
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC ,
IIN = –10mA to –30mA
–
4.0
8.0
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.25V and VCC,
IIN = –10mA to –30mA
–
1
–
∆RON
On-Resistance match from
center ports to any other port(4)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
–
0.9
2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com