Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L100L Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5L100L
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100L Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5L100L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
2
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature ........................................................ –65°Cto+150°C
Ambient Temperature with Power Applied ............................ 0°Cto+70°C
Supply Voltage to Ground Potential ................................... –0.5Vto+7.0V
DC Input Voltage ................................................................ –0.5Vto+7.0V
DC Output Current ......................................................................... 120mA
Power Dissipation .............................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = 0°C to +70°C, VCC = 6.2V, +5%, – 2%)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 6.2V, TA = 25°C ambient temperature.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. VON (min) value is at VCC = 6.1V, TA = 70°C.
5. The expected AC VON value is about 125 mV higher than the DC VON value using the similar test circuit in Figure 10 with VIN swing from 0.0V
to 4.5V at 10 MHz sine wave.
6. The value of RON of M1 is calculated with the equvalent mathematical formula of the test circuit in Figure 10.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
A
µ
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
——
1
±
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I=
D
N
G—
—
1
±
I H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0
≤
B
,
A
≤ V C
C
——
1
±V
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
–
=—
7
.
0
–2
.
1
–
A
m
I S
O
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
S
)
3
(
V
=
)
A
(
B
,
V
0
=
)
B
(
A
C
C
0
0
1—
—
VH
s
n
i
P
l
o
r
t
n
o
C
t
a
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I
—0
5
1—
V
m
V N
O
e
g
a
tl
o
V
n
O
h
c
ti
w
SV N
I
R
,
0
1
e
r
u
g
i
F
e
e
S
,
W
O
L
=
E
,
V
5
.
4
=
L
0
0
1
=
Ω
7
.
3
)
4
(
6
0
.
4
)
5
(
—V
R N
O
)
6
(
e
c
n
a
t
s
i
s
e
R
n
O
h
c
ti
w
S
1
MV
m
o
r
f
d
e
t
a
l
u
c
l
a
C
N
O
9
12
.
1
1—
Ω
R N
O
)
7
(
e
c
n
a
t
s
i
s
e
R
n
O
h
c
ti
w
S
2
MV N
I
R
,
0
1
e
r
u
g
i
F
e
e
S
,
W
O
L
=
E
,
V
5
.
4
=
L
0
0
1
=
Ω
0
.
20
.
3—
∆R N
O
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
n
OV N
I
W
O
L
=
E
,
V
5
.
4
=—
0
.
1—
7. This parameter is determined by device characterization but is not production tested.
RON (M1) =
were
with RON (M2) = 3 ohms
VIN – VON
ION
ION =
VON
RL + RON (M2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com