Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L100L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5L100L
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5L100L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
3
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Capacitance (TA=25°C,f=1MHz)
Note:
1. This parameter is determined by device characterization but is not production tested.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
3. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
PowerSupplyCharacteristics
s
r
e
t
e
m
a
r
a
P
)
1
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
Ts
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
6
F
p
C F
F
O
f
f
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A
V N
I
V
0
=
6
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
AV N
I
V
0
=8
s
r
e
t
e
m
a
r
a
P
)
1
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
QV C
C
V
5
.
5
=V N
I
V
r
o
D
N
G
=
C
C
1
.
00
.
3A
µ
∆I C
C
h
g
i
H
L
T
T
@
t
u
p
n
I
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
SV C
C
V
5
.
5
=V N
I=
V
4
.
3
)
2
(
5
.
2A
m
I D
C
C
z
H
M
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
)
3
(
V C
C
V
5
.
5
=
n
e
p
O
s
n
i
P
t
u
p
n
I
D
N
G
=
E
g
n
il
g
g
o
T
t
u
p
n
I
l
o
r
t
n
o
C
e
l
c
y
C
y
t
u
D
%
0
5
5
2
.
0z
H
M
/
A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com