Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3282EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3282EB
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3282EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP3282EB Datasheet HTML 1Page - Sipex Corporation SP3282EB Datasheet HTML 2Page - Sipex Corporation SP3282EB Datasheet HTML 3Page - Sipex Corporation SP3282EB Datasheet HTML 4Page - Sipex Corporation SP3282EB Datasheet HTML 5Page - Sipex Corporation SP3282EB Datasheet HTML 6Page - Sipex Corporation SP3282EB Datasheet HTML 7Page - Sipex Corporation SP3282EB Datasheet HTML 8Page - Sipex Corporation SP3282EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Date: 02/24/05
SP3282EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
2
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SUPPLY CURRENT
Supply Current,
1.0
10
µA
All RxIN open, all TxIN at VLor GND,
AUTO ON-LINE®
VCC=VL=+3.3V, TA=25°C
ONLINE = GND, SHUTDOWN = VL,
Supply Current, Shutdown
1.0
10
µA
All RxIN open, all TxIN at VL or GND
VCC=VL=+3.3V, TA=25°C
ONLINE = VL or GND, SHUTDOWN =
GND
Supply Current,
0.3
1.0
mA
All TxIN at VL or GND, ONLINE = VL,
AUTO ON-LINE® Disabled
VCC=VL=+3.3V, TA=25°C
SHUTDOWN = VL,no load
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold LOW
TxIN, ONLINE, SHUTDOWN
0.8
V
VL = +3.3V or +5.0V
0.6
VL = +2.5V
0.4
VL = +1.8V
Input Logic Threshold HIGH
TxIN, ONLINE, SHUTDOWN
2.4
V
VL = +5.0V
2.0
VL = +3.3V
1.4
VL = +2.5V
0.9
VL = +1.8V
Transmitter Input Hysteresis
0.3
V
Input Leakage Current
±0.01
±1.0
µA
TxIN, ONLINE, SHUTDOWN,
TA = 25°C
Output Leakage Current
±0.05
±10
µA
RxOUT, Receivers disabled
Output Voltage LOW
0.4
V
IOUT = +1.6mA, VL=2.5V, 3.3V, or 5.0V
0.4
IOUT = +0.8mA, VL=1.8V
Output Voltage HIGH
VL - 0.6
VL - 0.1
V
IOUT = -1.0mA, VL=2.5V, 3.3V, 5.0V
VL - 0.6
VL - 0.1
IOUT = -0.5mA, VL=1.8V
DRIVER OUTPUTS
VCC Mode Switch Point
2.95
3.1
3.25
V
TxOUT=±5.0V to ±3.7V
(VCC is Falling)
VCC Mode Switch Point
3.3
3.5
3.7
V
TxOUT=±3.7V to ±5.0V
(VCC is Rising)
VCC Mode Switch Point
400
mV
Hysteresis
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC......................................................-0.3V to +6.0V
V+ (note 1).........................................-0.3V to +7.0V
V- (note 1)..........................................+0.3V to -7.0V
V+ + |V-| (note 1).............................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
V
L........................................................-0.3V to +6.0V
ELECTRICAL CHARACTERISTICS
V
CC = +2.35 to +5.5V, VL=+1.8 to +5.5V, C1 - C4 = 0.22µF.
T
A=TMIN to TMAX, unless otherwise noted. Typical values are at VCC=VL=+3.3V, and TA = +25°C.)
TxIN, ONLINE, SHUTDOWN, .............0.3V to +6.0V
RxIN..................................................................+25V
Output Voltages
TxOUT............................................................+13.2V
RxOUT, STATUS.......................-0.3V to (V
L + 0.3V)
Short-Circuit Duration
TxOUT.....................................................Continuous
Storage Temperature......................-65°C to +150°C
Power Dissipation per package
28-pin SSOP
(derate 11.2mW/oC above +70oC)............900mW
28-pin TSSOP
(derate 13.2mW/oC above +70oC).........1100mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com